Electronic Components Datasheet Search
  English  ▼

X  

U74ACT240 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT240
Description  The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT240 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT240 Datasheet HTML 1Page - Unisonic Technologies U74ACT240 Datasheet HTML 2Page - Unisonic Technologies U74ACT240 Datasheet HTML 3Page - Unisonic Technologies U74ACT240 Datasheet HTML 4Page - Unisonic Technologies U74ACT240 Datasheet HTML 5Page - Unisonic Technologies U74ACT240 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74ACT240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-785.A
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~ VCC +0.5
V
Output Voltage
VOUT
-0.5~ VCC +0.5
V
Input Clamp Current (VIN<0, or VIN>VCC)
IIK
±20
mA
Output Clamp Current (VOUT<0, or VOUT>VCC)
IOK
±20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
85
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
High-Level Input Voltage
VIH
2
V
Low-Level Input Voltage
VIL
0.8
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
High-level Output Current
IOH
-24
mA
Low-level Output Current
IOL
24
mA
Input Transition Rise or Fall Rate
Δt/Δv
0
8
ns/V
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IOH = -50 μA, VCC = 4.5V
4.4
4.49
IOH = -50 μA, VCC = 5.5V
5.4
5.49
IOH = -24 mA, VCC = 4.5V
3.86
High-Level Output Voltage
VOH
IOH = -24 mA, VCC = 5.5V
4.86
V
IOL = 50 μA, VCC = 4.5V
0.001 0.1
IOL = 50 μA, VCC = 5.5V
0.001 0.1
IOL = 24 mA, VCC = 4.5V
0.36
Low-Level Output Voltage
VOL
IOL = 24 mA, VCC = 5.5V
0.36
V
Input Leakage Current
(A or OE inputs)
II(LEAK) VIN = VCC or GND, VCC = 5.5V
±0.1
μA
High-impedance state Current
IOZ
VO = VCC or GND, VCC = 5.5V
VI(OE) = VIL or VIH
±0.25 μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0, VCC = 5.5V
4
μA
Additional quiescent Supply Current
Δ ICC
One input at 3.4V;
other inputs at VCC or GND;
VCC=5.5V
0.6
mA
Input Capacitance
CIN
VIN = VCC or GND, VCC=5V
2.5
pF
Output Capacitance
COUT
VIN = VCC or GND, VCC=5V
8
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com