Electronic Components Datasheet Search
  English  ▼

X  

U74ACT240 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74ACT240
Description  The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT240 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74ACT240 Datasheet HTML 1Page - Unisonic Technologies U74ACT240 Datasheet HTML 2Page - Unisonic Technologies U74ACT240 Datasheet HTML 3Page - Unisonic Technologies U74ACT240 Datasheet HTML 4Page - Unisonic Technologies U74ACT240 Datasheet HTML 5Page - Unisonic Technologies U74ACT240 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74ACT240
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-785.A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74ACT240 is a octal buffers/drivers with 3-state outputs. It
is organized as two 4-bit buffers/drivers with separate output-enable
( OE ) inputs. When OE is high, the Y outputs are in a
high-impedance state, and the outputs neither load nor drive the bus
lines. When OE is low, the device passes inverted data from the a
inputs to the Y outputs.
The U74ACT240 is designed to improve the performance and
density of 3-state memory address drivers, clock drivers, and
bus-oriented receivers and transmitters.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* 4.5V to 5.5V VCC operation
* Inputs accept voltages to 5.5V
* Max tpd of 8.5 ns from A to Y at 5V
* Low power consumption, ICC = 4 μA (Max.) at 5.5V
* TTL compatible
* ±24 mA output driver at 5.5V
TSSOP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74ACT240L-P20-R
U74ACT240G- P20-R
TSSOP-20
Tape Reel
U74ACT240L- P20-T
U74ACT240G- P20-T
TSSOP-20
Tube


Similar Part No. - U74ACT240

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT240G-P20-R UTC-U74ACT240G-P20-R Datasheet
185Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74ACT240G-P20-T UTC-U74ACT240G-P20-T Datasheet
185Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74ACT240L-P20-R UTC-U74ACT240L-P20-R Datasheet
185Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74ACT240L-P20-T UTC-U74ACT240L-P20-T Datasheet
185Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
U74ACT240 UTC-U74ACT240_15 Datasheet
185Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74ACT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Unisonic Technologies
U74AC244 UTC-U74AC244 Datasheet
190Kb / 6P
The U74AC244 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
logo
Texas Instruments
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com