Electronic Components Datasheet Search
  English  ▼

X  

STM8L101-EVAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L101-EVAL
Description  STM8L101-EVAL evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101-EVAL Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L101-EVAL Datasheet HTML 1Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 2Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 3Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
August 2010
Doc ID 17773 Rev 1
1/4
4
STM8L101-EVAL
STM8L101-EVAL evaluation board
Features
■ 5 V power jack supply
■ Audio play
■ Micro SD Card™
■ 64 Kbit I2C EEPROM
■ One channel of RS-232 communication
■ Bi-color LED
■ Economic analog voltage measurement based
on comparator
■ SWIM debug support
■ 122 x 32 dot-matrix serial interface LCD
module
■ Joystick with 4-direction control and selector
■ Reset and User button
■ 3 LEDs
■ Extension connector for daughterboard
■ One 10 K potentiometer
Description
The STM8L101-EVAL is composed of two boards,
a motherboard and a daughterboard. The
STM8L1/L2 motherboard is called MB709. It
includes all peripherals which are connected to
the MCU on the daughterboard and connects to
the daughterboard via two 36-pin connectors. The
STM8L1 daughterboard is called MB710 and has
an STM8L101 MCU.
The motherboard and daughterboard are a
complete development platform for the
STM8L101 microcontroller with comparator, I2C,
SPI, USART and SWIM debugging support.
The full range of hardware features on the
STM8L101-EVAL helps you to evaluate all
peripherals (micro SD Card, USART, EEPROM,
LCD, for example) and develop your own
applications.
www.st.com


Similar Part No. - STM8L101-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101 STMICROELECTRONICS-STM8L101 Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
STM8L101F1P3 STMICROELECTRONICS-STM8L101F1P3 Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
STM8L101F1P3A STMICROELECTRONICS-STM8L101F1P3A Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
STM8L101F1P3ATR STMICROELECTRONICS-STM8L101F1P3ATR Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
STM8L101F1P3TR STMICROELECTRONICS-STM8L101F1P3TR Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
More results

Similar Description - STM8L101-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L152-EVAL STMICROELECTRONICS-STM32L152-EVAL Datasheet
100Kb / 3P
STM32L152-EVAL evaluation board
07-Jan-2010
STM3210B-EVAL STMICROELECTRONICS-STM3210B-EVAL Datasheet
192Kb / 3P
STM3210B-EVAL evaluation board
09-Aug-2010
STM3220G-EVAL STMICROELECTRONICS-STM3220G-EVAL Datasheet
233Kb / 3P
STM3220G-EVAL evaluation board
24-Mar-2011
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
STM32100B-EVAL evaluation board
09-Aug-2010
STM320518-EVAL STMICROELECTRONICS-STM320518-EVAL Datasheet
95Kb / 3P
STM320518-EVAL evaluation board
23-Apr-2012
STR750-EVAL STMICROELECTRONICS-STR750-EVAL Datasheet
136Kb / 4P
STR750-EVAL evaluation board
25-Oct-2010
UM0629 STMICROELECTRONICS-UM0629 Datasheet
872Kb / 26P
STM8L101-EVAL evaluation board
06-Nov-2009
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
STM32L152-EVAL evaluation board
14-Nov-2011
EVAL-L9907 STMICROELECTRONICS-EVAL-L9907 Datasheet
9Mb / 5P
EVAL-L9907 Evaluation Board
April 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com