Electronic Components Datasheet Search
  English  ▼

X  

STM8L101-EVAL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM8L101-EVAL
Description  STM8L101-EVAL evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101-EVAL Datasheet(HTML) 2 Page - STMicroelectronics

  STM8L101-EVAL Datasheet HTML 1Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 2Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 3Page - STMicroelectronics STM8L101-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STM8L101-EVAL
2/4
Doc ID 17773 Rev 1
Figure 1.
Functional block diagram
STM8L1/L2-MB
RS232
transceiver
5V power
jack
3.3V
regulator
LCD
MicroSD card
Level
translator
Audio circuit
BNC connector
I2C EEPROM
SWIM connector
STice connector
Push button
Joystick
LED’s
Potentiometer
RS232
connector
SWIM
ADC
ADC
PWM
USART
Compa
rator
SPI
I2C
Economic
Measurement
BEEP
1.8 to 3.3V
regulator
Bi-color LED
GPIO’s
Extension connector
STM8L1-DB
STM8L1/L2-MB (MB709)
STM8L101
MCU
STM8L1-DB (MB710)
ai18610



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com