| Electronic Components Datasheet Search |
|
STM32-SK Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32-SK Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() Starter kit architecture STM32-SK/HIT, STR91X-SK/HIT, STR7-SK/HIT 2/5 Doc ID 11968 Rev 6 Starter kit architecture Hitex development software provides a complete set of software tools for creating and debugging microcontroller applications; it includes HiTOP. HiTOP Hitex’s integrated development environment drives the hardware and offers a full range of project management, source-code editing and debugging features from an intuitive graphical interface. HiTOP with Tasking VX C/C++ compiler delivered in the STM32 kits has no code-size limitation when used with the included STM32-PerformanceStick and STM32-PerfStick-2. HiTOP in STR9 and STR7 kits allows debugging of applications up to 16 Kbytes in size. HiTOP drives a range of in-circuit debugging / programming tools including Tantino and Tanto, for STR7/9 and Tanto Port Trace for STR9 MCUs with Embedded Trace Macrocell. Starter kits include complete C/C++ toolsets for compiling application source files. The STM32 starter kits include the Tasking VX C/C++ compiler. STR9 and STR7 kits come with unlimited GNU C/C++ compiler toolset. For more information about HiTOP downloads and updates, refer to the Hitex website. Hardware interface The STM32 kits include a STICK which performs integrated debugging and programming of the STM32 Performance and Access line microcontrollers via a dedicated USB interface. ● The STM32 kit with a 128 Kbyte Flash microcontroller includes an STM32-PerformanceStick. ● The STM32 kit with a 512 Kbyte Flash microcontroller includes an STM32-PerfStick-2. The STR9 and STR7 kits include the Tantino in-circuit debugging and programming tool featuring a USB host interface and industry standard JTAG application board interface. Hitex evaluation board Full-featured evaluation boards with target microcontrollers are designed for quick and easy evaluation of a complete range of microcontroller-specific features such as Ethernet, USB, CAN, UART, I2C, SPI, and ADC. A power supply is included. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |