Electronic Components Datasheet Search
  English  ▼

X  

STM32-SK Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32-SK
Description  Hitex starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32-SK Datasheet(HTML) 3 Page - STMicroelectronics

  STM32-SK Datasheet HTML 1Page - STMicroelectronics STM32-SK Datasheet HTML 2Page - STMicroelectronics STM32-SK Datasheet HTML 3Page - STMicroelectronics STM32-SK Datasheet HTML 4Page - STMicroelectronics STM32-SK Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STM32-SK/HIT, STR91X-SK/HIT, STR7-SK/HIT
Starter kit architecture
Doc ID 11968 Rev 6
3/5
Table 1.
Hitex evaluation board key features
Feature
Starter kit
STM3210E-
SK/HIT
STM3210B-
SK/HIT
STR91X-
SK/HIT
STR75xF(1)
STR73xF(1)
STR71xF(1)
Included ST
microcontroller
STM32F103E STM32F103B
STR912FW4
STR750FV2 STR730FZ2 STR710FZ2
20-pin JTAG
interface connector
N/A
N/A
Yes
Yes
Yes
Yes
38-pin trace tool
connector
N/A
N/A
Yes
(footprint only)
N/A
N/A
N/A
External power
supply included
No
No
Yes
Yes
Yes
Yes
Backup power
supply
3V button
battery
3V button
battery
3V button
battery
N/A
N/A
N/A
UART connector(s)
1
1
2
2
4
2
SPI
No
Yes
Yes
Yes
Yes
Yes
I2CNo
Yes
Yes
Yes
Yes
No
CAN connector
Yes
Yes
Yes
Yes
Yes
Yes
USB connector
Yes
Yes
Yes
Yes
No
Yes
Ethernet connector
N/A
N/A
Yes
N/A
N/A
N/A
User LEDs
2
(Simple
LED)
3
(Simple
LED)
2
(7 segment
LED)
2
(7 segment
LED)
2
(7 segment
LED)
8
(Simple
LED)
LCD display
Yes
No
Footprint
Footprint
No
No
SD/MMC connector
No
No
Yes
Yes
No
No
ADC
Yes
Yes
Yes
Yes
Yes
Yes
User push button(s)
No
No
5
3
No
No
Reset button
No
No
Yes
Yes
Yes
Yes
Wrap area
Yes
Yes
Yes
No
Yes
No
Motor control
connector
No
No
34-pin
header
34-pin
header
No
No
Extension board
connectors
One 80-pin
connector
One 80-pin
connector
Two 50-pin
headers
No
No
No
DAC
Yes
No
No
No
No
No
NAND Flash
Yes
No
No
No
No
No
IrDA
Yes
No
No
No
No
No
1.
See www.hitex.com for ordering information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com