Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPE008V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE008V1
Description  Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE008V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/8
8
STEVAL-IPE008V1
Energy meter (3-phase) demonstration board
based on the STPM01 and STR715FR0
Features
■ 3-phase meters
■ Multi-chip topology, in which each phase is
monitored using a single-phase device
■ Common clock network
■ Power supply in fly-back topology using a
VIPer12ADIP-E
Description
The STEVAL-IPE008V1 demonstration board
shows how to design a 3-phase meter using
STPM01 as measuring device and a
VIPer12ADIP-E as SMPS (switch mode power
supply). The STPM01 is a metering ASSP
implemented in an advanced 0.35 µm BCD6
technology. It is designed for the effective
measurement of active, reactive, apparent
energies, VRMS, IRMS, instantaneous voltage and
current, and frequency in power line systems that
use the current transformer, Rogowski coil and/or
shunt principle. This device can be used as a
standalone on-board metering device in single-
phase energy meter applications or as a
peripheral in a microprocessor based single- or 3-
phase meter. In a standalone configuration
STPM01 outputs a pulse train signal having a
frequency proportional to the active power used,
while in peripheral mode STPM01 is used in a
microprocessor based application. In this case,
measured data are read at a fixed interval from
the device internal registers by means of SPI
interface processed by a microcontroller.
AM03203v1
STEVAL-IPE008v1
www.st.com


Similar Part No. - STEVAL-IPE008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE006V2 STMICROELECTRONICS-STEVAL-IPE006V2 Datasheet
593Kb / 7P
High end meter Demonstration board
13-Jul-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
More results

Similar Description - STEVAL-IPE008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE015V1 STMICROELECTRONICS-STEVAL-IPE015V1 Datasheet
180Kb / 4P
Single-phase energy metering demonstration board with two current transformers based on the STPM10
22-Dec-2011
STEVAL-IPE017V1 STMICROELECTRONICS-STEVAL-IPE017V1 Datasheet
169Kb / 4P
Single-phase energy metering demonstration board with one shunt resistor based on the STPM10
22-Dec-2011
STEVAL-IPE018V1 STMICROELECTRONICS-STEVAL-IPE018V1 Datasheet
174Kb / 4P
Single-phase energy metering demonstration board with one current transformer based on the STPM10
22-Dec-2011
STEVAL-IHP001V2 STMICROELECTRONICS-STEVAL-IHP001V2 Datasheet
243Kb / 11P
SmartPlug demonstration board based on the STM32, SN260 (ZigBee® transceiver) and STPM01
July 2009 Rev 1
STEVAL-IHP001V3 STMICROELECTRONICS-STEVAL-IHP001V3 Datasheet
248Kb / 11P
ZigBee® SmartPlug demonstration board based on the STM32F10x, SPZB260-PRO and STPM01
April 2010 Rev 1
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com