Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPE008V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-IPE008V1
Description  Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE008V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-IPE008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-IPE008V1
Circuit schematics
5/8
Figure 4.
Clock management network schematic
PHASE_2
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
PHASE_3
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
PHASE_1
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
VDD
VDD
VDD
VOTPL1
SCSL1
P1
N
N
VOTPL3
LEDL3
P3
SCSL3
LEDL1
SCL
SDA
N
SCL
CLKIN
SYN
LEDL2
SYN
SYN
2
L
P
T
O
V
2
P
SDA
SDA
SCL
SCSL2
U8B
74HC14A/SO
C2
15pF
C1
15pF
Y1
4.194304MHz
R1
1M
U8A
74HC14A/SO
1
2
AM03207v1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com