Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB005V1
Description  Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 15185 Rev 3
1/4
4
STEVAL-ISB005V1
Low-cost Li-Ion battery charger demonstration board
based on the ST7263BK6 and L6924D
Features
■ Can be used both in USB mode and adapter
mode
■ Consists of a charger section based on the
L6924 for charging a Li-Ion / Li-polymer
battery, and an action control section using the
ST72F63BK6M1 microcontroller
■ Uses LEDs to indicate the charging condition
status
■ Includes an ICC connector for programming
the microcontroller
■ RoHS compliant
Description
The STEVAL-ISB005V1 demonstration board is a
standalone Li-Ion/ Li-polymer battery charger,
which can be powered either by USB or by an
external DC adaptor. The ST72F63BK6M1
microcontroller is used for USB enumeration and
to control the SD pin of the L6924.
In USB mode, the battery-charging current
complies with high-power USB device
specifications. The L6924 is powered by 5 V from
the USB, thus charging the battery also by USB.
A general-purpose adaptor socket is also
available for use when external power is available.
In this case, the L6924 operates completely
independent of the microcontroller.
STEVAL-ISB005V1
www.st.com


Similar Part No. - STEVAL-ISB005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB002V1 STMICROELECTRONICS-STEVAL-ISB002V1 Datasheet
122Kb / 4P
High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L
19-Nov-2010
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
STEVAL-ISB008V1 STMICROELECTRONICS-STEVAL-ISB008V1 Datasheet
119Kb / 4P
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
10-Nov-2009
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
More results

Similar Description - STEVAL-ISB005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
STEVAL-ISB008V1 STMICROELECTRONICS-STEVAL-ISB008V1 Datasheet
119Kb / 4P
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
10-Nov-2009
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
15-Mar-2010
STEVAL-ISV012V1 STMICROELECTRONICS-STEVAL-ISV012V1 Datasheet
136Kb / 7P
Up to 5 W solar battery charger for single-cell Li-ion and Li-Pol batteries based on the SPV1040 and L6924D
21-Jul-2011
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
AN1464 STMICROELECTRONICS-AN1464 Datasheet
324Kb / 27P
LOW-COST DOUBLE LI-ION BATTERY CHARGER
10-Sep-2001
STEVAL-ISB032V1 STMICROELECTRONICS-STEVAL-ISB032V1 Datasheet
243Kb / 4P
Li-Ion battery charger evaluation board based on STNS01
26-Jan-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com