Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB005V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISB005V1
Description  Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB005V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISB005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISB005V1
2/4
Doc ID 15185 Rev 3
1
Schematic diagram
Figure 1.
STEVAL-ISB005V1 USB system schematics
CHK_CHG
ISEL
IEND
VIN
VIN
SD
ICCCLK
ICCDATA
USBDP
ST1
ST2
USBDM
USBVCC
MCO
VPP
RESET
OSCIN
OSCOUT
MODE
VIN
ICCDATA
RESET
ICCCLK
VPP
VIN
VIN
RESET
ST2
VBAT
IEND
VIN
ADPT_V
ST1
VIN
SD
ISEL
MODE
VIN
VIN
VBUS
VIN
VBUS_CHECK
CONTROL_IO
ADPT_CHECK
VBUS
ADPT_V
VBUS_CHECK
ADPT_CHECK
USBDM
USBDP
VBUS
CONTROL_IO
NTC
SO34
M ICROCONTROLLER SECTION
ICC CONNECTOR
SOT23
STM1001
RESET
BATTERY CHARGER
5V
ADAPTOR
VPQFN16
1A
USB- B CONN
SOT2236L
USBLC6- 2SC6
. 5A
POWER SUPPLY
470
R19
470
R19
33pF
C12
33pF
C12
4k7
R1
4k7
R1
R4
1k
R4
1k
R7
22
R7
22
U1
U1
VSS
3
RST
1
VCC
2
R10
3.5k
R10
3.5k
12 MHz
12 MHz
R24
0
R24
0
USB CONN1
USB CONN1
USB_VCC
1
USBDM
2
USBDP
3
USB_GND
5
SHELL
6
SHELL
7
SHELL
8
ID
4
SHELL
9
R26
10k
R26
10k
R8
22
R8
22
1k5
R17
1k5
R17
R14
470
R14
470
LED
D2
LED
D2
D7
STPS1L30U
D7
STPS1L30U
10nF
C1
10nF
C1
D8
STPS1L30U
D8
STPS1L30U
10k
R22
10k
R22
TP1
TEST POINT
TP1
TEST POINT
1
470
R6
470
R6
I ac/
MODE/
I usb/
U2
L6924D
I ac/
MODE/
I usb/
U2
L6924D
Vin
1
VinSNS
2
ST2
3
ST1
4
TPRG
5
Vosns
10
Vout
11
Iend
13
Vpre
14
Iprg
15
Ipre
16
10K
R2
10K
R2
J13
J13
2
3
C8
8.8nF
C8
8.8nF
1M
R3
1M
R3
U3
U3
GND
2
I/O1
6
I/O2
3
I/O2
4
I/O1
1
VBUS
47nF
C11
47nF
C11
100nF
C13
100nF
C13
LED
D6
LED
D6
C6
1uF
C6
1uF
R5
470
R5
470
10k
R18
10k
R18
R27
10k
R27
10k
10nF
C2
10nF
C2
R11
10k
R11
10k
J1
HEADER 5*2
J1
HEADER 5*2
2
4
6
8
10
1
3
5
7
9
R21
10k
R21
10k
C5
1uF
C5
1uF
R23
20k
R23
20k
R16
0
R16
0
J11
J11
2
3
R29
1M
R29
1M
100nF
C10
100nF
C10
SW1
SW1
C4
1nF
C4
1nF
D4
LED
D4
LED
R25
10k
R25
10k
R28
10k
R28
10k
C3
10uF
C3
10uF
J2
J2
3
1
2
R9
30k
R9
30k
R12
470
R12
470
100nF
C7
100nF
C7
U4
ST72F63BK6M1
U4
ST72F63BK6M1
NC
9
VDD
1
OSCOUT
2
OSCIN
3
VSS
4
PC2/USBOE
5
PC1/TDO
6
PC0/RDI
7
RESET
8
AIN7/IT8/PB7
10
AIN6/PB6/IT7
11
VPP/TEST
12
AIN5/IT6/PB5
13
VDDA
34
USBVCC
33
USBDM
32
USBDP
31
VSSA
30
PA0/MCO
29
PA1/SDA/ICCDATA
28
NC
27
NC
26
NC
25
PA2/SCL/ICCCLK
24
PA5/ICAP2/IT2
21
PA6/OCMP1/IT3
20
AIN4/IT5/PB4
14
AIN3/PB3
15
AIN1/PB1
17
AIN2/PB2
16
PB0/AIN0
18
PA7/OCMP2/IT4
19
PA3/EXTCLK
23
PA4/ICAP1/IT1
22
33pF
C14
33pF
C14
C17
4.7n
F
C17
4.7n
F
D3
LED
D3
LED
R20
14k
R20
14k
R15
10k
R15
10k
AM03271v1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com