Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC012V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC012V1
Description  Connectivity gateway demonstration board based on the STM32F107
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC012V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 17441 Rev 1
1/10
10
STEVAL-PCC012V1
Connectivity gateway demonstration board
based on the STM32F107
Features
■ Offers Ethernet, USB OTG and general-
purpose extension connector
■ Two positions for optional Wi-Fi modules
■ A microSDTM card socket
■ Digital/analog extension connectors
compatible with STEVAL-MKI0xxV1 MEMS
extension boards and STEVAL-CCA021V1
audio extension board
■ Compatible with ST7590 “PRIME” board –
narrow-band OFDM
■ JTAG interface for microcontroller firmware
change/update
■ DC-DC power supply using the L7986A
■ Stand-alone demonstration firmware, on-board
LEDs and joystick
■ RoHS compliant
Description
The STEVAL-PCC012V1 demonstration board is
equipped with an Ethernet interface, four
digital/analog extension connectors (I2C, SPI,
etc.), footprint positions for two different Wi-Fi
modules, an OFDM PRIME power line networking
extension connector and a microSD card socket
with SPI interface. It also features a 5-way
joystick, four general-purpose LEDs and two
LEDs dedicated to the user interface.
The demonstration board also includes
digital/analog input/output connectors with
pinouts compatible with other demonstration
boards from STMicroelectronics.
The STEVAL-PCC012V1 can be supplied from a
standard DC power supply (7 - 35 VDC), or
directly using a 24 VDC industrial mains supply.
STEVAL-PCC012V1
www.st.com


Similar Part No. - STEVAL-PCC012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC010V1 STMICROELECTRONICS-STEVAL-PCC010V1 Datasheet
167Kb / 9P
ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board
08-Mar-2010
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-PCC015V1 STMICROELECTRONICS-STEVAL-PCC015V1 Datasheet
222Kb / 4P
Full speed USB to RS232 bridge
20-Feb-2012
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
UART to USB bridge
06-Feb-2014
More results

Similar Description - STEVAL-PCC012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
RF power amplifier demonstration board based on the STAC2942B
03-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
LCD panels backlight demonstration board based on the LED7706
06-May-2009
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com