Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC012V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-PCC012V1
Description  Connectivity gateway demonstration board based on the STM32F107
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC012V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-PCC012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-PCC012V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STEVAL-PCC012V1
Schematic diagram
Doc ID 17441 Rev 1
5/10
Figure 7.
Ethernet - part 3 (magnetics)
Figure 8.
USB-OTG
AM00887
3 A, 40 V low drop
D2
ST: STPS3L40U
+5.3 V
+3.3 V
C26
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
0
USB_MiniAB
receptacle
CN 4
USB-mini-socket
I/ O1
1
GND
2
I/ O2
3
I/ O2
4
VBUS
5
I/ O1
6
U7
USBLC6-2P6
GND
2
IN
5
EN
4
OUT
1
FAULT
3
U4
STMPS2141STR
3 A, 40 V
STPS3L40U
D5
300R_060
3
R26
0R_0603
R24
10K_0603
R23
0R_0603
R25
22R_0603
R28
22R_0603
R30
0R_0603
R32
USB_PowerSwitchOn
USB_VBUS
USB_DM
USB_DP
USB_ID
USB_OverCurrent
1
2
LD 6
GREEN
SB7
+5.0 V
+5.0 V
+5.0 V
AM00888



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com