Electronic Components Datasheet Search
  English  ▼

X  

SRI4K Datasheet(PDF) 19 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 15Page - STMicroelectronics SRI4K_11 Datasheet HTML 16Page - STMicroelectronics SRI4K_11 Datasheet HTML 17Page - STMicroelectronics SRI4K_11 Datasheet HTML 18Page - STMicroelectronics SRI4K_11 Datasheet HTML 19Page - STMicroelectronics SRI4K_11 Datasheet HTML 20Page - STMicroelectronics SRI4K_11 Datasheet HTML 21Page - STMicroelectronics SRI4K_11 Datasheet HTML 22Page - STMicroelectronics SRI4K_11 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
SRI4K
SRI4K operation
Doc 11605 Rev 5
19/46
5
SRI4K operation
All commands, data and CRC are transmitted to the SRI4K as 10-bit characters using ASK
modulation. The start bit of the 10 bits, b0, is sent first. The command frame received by the
SRI4K at the antenna is demodulated by the 10% ASK demodulator, and decoded by the
internal logic. Prior to any operation, the SRI4K must have been selected by a Select
command. Each frame transmitted to the SRI4K must start with a start of frame, followed by
one or more data characters, two CRC bytes and the final end of frame. When an invalid
frame is decoded by the SRI4K (wrong command or CRC error), the memory does not
return any error code.
When a valid frame is received, the SRI4K may have to return data to the reader. In this
case, data is returned using BPSK encoding, in the form of 10-bit characters framed by an
SOF and an EOF. The transfer is ended by the SRI4K sending the 2 CRC bytes and the
EOF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com