Electronic Components Datasheet Search
  English  ▼

X  

SRI4K Datasheet(PDF) 44 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 38Page - STMicroelectronics SRI4K_11 Datasheet HTML 39Page - STMicroelectronics SRI4K_11 Datasheet HTML 40Page - STMicroelectronics SRI4K_11 Datasheet HTML 41Page - STMicroelectronics SRI4K_11 Datasheet HTML 42Page - STMicroelectronics SRI4K_11 Datasheet HTML 43Page - STMicroelectronics SRI4K_11 Datasheet HTML 44Page - STMicroelectronics SRI4K_11 Datasheet HTML 45Page - STMicroelectronics SRI4K_11 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
SRI4K command summary
SRI4K
44/46
Doc 11605 Rev 5
Figure 57.
Reset_to_inventory frame exchange between reader and SRI4K
Figure 58.
Read_block frame exchange between reader and SRI4K
Figure 59.
Write_block frame exchange between reader and SRI4K
Figure 60.
Get_UID frame exchange between reader and SRI4K
SOF
0Ch
CRCL
CRCH EOF
AI10889
Reader
SRI4K
No Response
S
O
F
Data 1
AI10890c
Data 2 Data 3 Data 4
Reader
SRI4K
CRCL CRCH
E
O
F
<-t0-><-t1->
S
O
F
08h
CRCL CRCH
E
O
F
Address
Data 1
AI10891b
Data 2 Data 3 Data 4
Reader
SRI4K
CRCL CRCH EOF
SOF
09h
Address
No response
S
O
F
CRCL CRCH
E
O
F
AI10892b
Reader
SRI4K
<-t0-><-t1->
S
O
F
CRCL CRCH
E
O
F
0Bh
UID
1
UID
2
UID
3
UID
4
UID
0
UID
5
UID
6
UID
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com