Electronic Components Datasheet Search
  English  ▼

X  

STA8088GA Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA8088GA
Description  Automotive Grade GPS/Galileo/Glonass/QZSS receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088GA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA8088GA Datasheet HTML 2Page - STMicroelectronics STA8088GA Datasheet HTML 3Page - STMicroelectronics STA8088GA Datasheet HTML 4Page - STMicroelectronics STA8088GA Datasheet HTML 5Page - STMicroelectronics STA8088GA Datasheet HTML 6Page - STMicroelectronics STA8088GA Datasheet HTML 7Page - STMicroelectronics STA8088GA Datasheet HTML 8Page - STMicroelectronics STA8088GA Datasheet HTML 9Page - STMicroelectronics STA8088GA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pin description
STA8088GA
6/18
Doc ID 022679 Rev. 2
2
Pin description
2.1
Block diagram
Figure 1.
STA8088GA system block diagram
BK_domain
SQI
IF
USB
IF
VIC
ROM
16KB
AHB
DCREG
OSCI32
THSENS
SARADC
AD10SA1M_18
OSCI32
OSCI32_LJ_1V8
PWR, RST & CLK
CTRL
ISO
CELL
I2C
SSP
UART2
Rx - Tx
REGMAP
APB
Bridge2
UART1
Rx - Tx
ADC
MTU
GPIO
EFT
WD
APB
ARM 946
I-Cache
16KB
D-Cache
8KB
HIGH SPEED I - TCM
64KB
64KHIGH SPEED D – TCM 8
APB
Bridge1
SYS CTRL
RTC
APB
RAM 8KB
G3 Base Band
Glonass IF
GALGPS IF
2 Fast Acq
Channel
32 Trk
Channels
Acq
RAMs
APB
Bridge
DC_LN_1V8TO1V2
HPREG
LPREG
BKREG
CLOCK_GEN
CKX2
PLL
PG_650x
FRC_DPLL
RIOSC47
Test controller
IOs
JTAG
G3RF IP
1.8V
1.2V
DCREG
SPI IF
OSCI
26MHz
RF
Section
LNA
Section
ADC
GALGPS
ADC
GLONASS
GAPGCFT00543
CAN1
CAN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com