Electronic Components Datasheet Search
  English  ▼

X  

STA8088GA Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA8088GA
Description  Automotive Grade GPS/Galileo/Glonass/QZSS receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088GA Datasheet(HTML) 5 Page - STMicroelectronics

  STA8088GA Datasheet HTML 1Page - STMicroelectronics STA8088GA Datasheet HTML 2Page - STMicroelectronics STA8088GA Datasheet HTML 3Page - STMicroelectronics STA8088GA Datasheet HTML 4Page - STMicroelectronics STA8088GA Datasheet HTML 5Page - STMicroelectronics STA8088GA Datasheet HTML 6Page - STMicroelectronics STA8088GA Datasheet HTML 7Page - STMicroelectronics STA8088GA Datasheet HTML 8Page - STMicroelectronics STA8088GA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STA8088GA
Overview
Doc ID 022679 Rev. 2
5/18
1
Overview
STA8088GA is a highly integrated System-On-Chip device designed for positioning systems
applications.
It combines the high performance of ARM946 microprocessor with embedded enhanced
peripherals and I/O capabilities with ST next generation triple-constellation positioning
engine. The RF Front-End and Base Band processors are able to support GPS/Galileo and
Glonass navigation systems. The device is offered with a complete firmware which performs
all positioning operations including tracking, acquisition, navigation and data output with no
need of external memories.
It also provides clock generation via PLL, backup logic with real time clock and it supports
USB2.0 standard at full speed, (12 Mbps) with on-chip PHY.
STA8088GA is software compatible with the ARM processor family. The device is power
supplied with 1.8 V and uses three on-chip voltage regulators to internally supply the RF
front-End, core logic and the backup logic. In order to reduce the power consumption the
chips can be directly powered with 1.2V bypassing the embedded voltage regulators which
will be put in power down mode.
I/O lines are compatible with 1.8V and 3.3V.
STA8088GA, using STMicroelectronics CMOSRF Technology, is housed in either
VFQFPN56 (7 x 7 x 0.85 mm) or VFQFPN56 (8 x 8 x 0.85 mm) packages.
STA8088GA is compliant with ST Automotive Grade which in addition to AEC-Q100
qualification includes a set of production flow methodology targeting zero defect per million.
STA8088GA, fulfilling high quality and service level Automotive market requirements, is the
ideal solution for in-dash navigation and OEM telematic application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com