Electronic Components Datasheet Search
  English  ▼

X  

GWKALRB3.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKALRB3.EM
Description  SOLERIQ E 45
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKALRB3.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKALRB3.EM Datasheet HTML 1Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 2Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 3Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 4Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 5Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 6Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 7Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 8Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2012-04-10 Preliminary Data
1
2012-03-20 Preliminary Data
SOLERIQ E 45
Datasheet
Draft Version 0.0
GW KALRB3.EM
The SOLERIQ™ E products were specifically
designed for applications requiring large flux
packages out of a compact area.
Die SOLERIQ™ E Produkte wurden speziell für
Anwendungen entwickelt, die große Lumenpackete
aus einer kompakte Fläche benötigen.
For the replacement of traditional CFL light sources in
downlights the following typical LED efficacies can be
achieved at 4000 K:
2x26 W 111 lm/W
2x32 W 104 lm/W
Für den Ersatz von traditionellen CFL-Lichtquellen in
Downlights lassen sich bei 4000 K folgende typische
LED Effizienzen erzielen:
2x26 W 111 lm/W
2x32 W 104 lm/W
Features:
Besondere Merkmale:
•
Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
•
Chromaticity coordinate groups: 4 SDCM
center ANSI box at Ts = 85 °C
•
Farbortgruppen: 4 SDCM in der Mitte der ANSI
Box bei Ts = 85 °C
•
Color: white; CRI (typ.) = 85; CTR = 4000 K;
CRI (min.) = 80
•
Farbe: weiß; CRI (typ.) = 85; CTR = 4000 K;
CRI (min.) = 80
•
Optical efficiency (typ.): 116 lm/W (white) at
4000 K
•
Optischer Wirkungsgrad (typ.): 116 lm/W
(weiß) bei 4000 K
•
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
Applications
Anwendungen
•
Downlights
•
Downlights
•
General lighting
•
Allgemeinbeleuchtung


Similar Part No. - GWKALRB3.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PTPU-27B3 OSRAM-GWKAFGB3.CM-PTPU-27B3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PTPU-27S3 OSRAM-GWKAFGB3.CM-PTPU-27S3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PUQP-30B3 OSRAM-GWKAFGB3.CM-PUQP-30B3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PUQP-30S3 OSRAM-GWKAFGB3.CM-PUQP-30S3 Datasheet
1Mb / 17P
Downlights
More results

Similar Description - GWKALRB3.EM

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
SOLERIQ E 30
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
Taoglas antenna solutio...
GGBSFTP.45.9.A.08 TAOGLAS-GGBSFTP.45.9.A.08 Datasheet
905Kb / 12P
45*45*9mm Terrablast Stacked Patch Antenna
logo
PHOENIX CONTACT
2962926 PHOENIX-2962926 Datasheet
119Kb / 4P
UM 45-16RM/MR-G24/1/E/PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com