Electronic Components Datasheet Search
  English  ▼

X  

GWKALRB3.EM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWKALRB3.EM
Description  SOLERIQ E 45
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKALRB3.EM Datasheet(HTML) 4 Page - OSRAM GmbH

  GWKALRB3.EM Datasheet HTML 1Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 2Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 3Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 4Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 5Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 6Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 7Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 8Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2012-04-10 Preliminary Data
4
Draft Version 0.0
GW KALRB3.EM
Characteristics (T
S = 25 °C; IF = 880 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
typ.
2
ϕ
120
°
Forward voltage
2) page 17
Durchlassspannung
2) Seite 17
min.
typ.
max.
V
F
V
F
V
F
40
44
48
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Real thermal resistance junction /
solder point
Realer Wärmewiderstand
Sperrschicht / Lötpad
typ.
max.
R
th JS real
R
th JS real
0.28
0.35
K/W
K/W
"Electrical" thermal resistance
junction / solder point
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad
(with efficiency
η
e = 20 %)
typ.
R
th JS el
0.22
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com