Electronic Components Datasheet Search
  English  ▼

X  

7445430 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7445430
Description  POWER-CHOKE WE-PD 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7445430 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7445430 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445430 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7445430 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
10,4 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,3
mm
D
1,55 ± 0,05
mm
E
2,00 ± 0,1
mm
F
4,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
13,2 ± 0,1
mm
J
5,30 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 0,5
mm
b
21,00 ± 0,8
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
SSt
06-09-27
MST
04-10-11
Name
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
7445430
SPEICHERDROSSEL WE-PD 3
POWER-CHOKE WE-PD 3
DATUM / DATE : 2006-09-27
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
c
13,00
mm
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
............................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
..................................................................................
............................................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B
C
G
F
E
øD
H
I
T
J
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com