| Electronic Components Datasheet Search |
|
SACB12 Datasheet(PDF) 53 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SACB12 Datasheet(HTML) 53 Page - Littelfuse |
|
53 / 146 page ![]() 49 ©2008 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Transient Voltage Suppression Diodes Surface Mount – 1500W > 1.5SMC series 1.5SMC Series Ratings and Characteristic Curves (T A=25°C unless otherwise noted) 1 10 100 0.000001 0.00001 0.0001 0.001 t d-Pulse W idth (se c.) 0.31x0.31" (8.0x8.0mm) Copper Pad Area 0 0 50 100 150 1.0 2.0 3.0 4.0 tr=10μsec Peak Value IPPM IPPM 2 TJ=25°C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM 10/1000μsec. Waveform as defined by R.E.A td t-Time (ms) Half Value IPPM ( ) T A - Ambient Temperature (ºC) 0 25 50 75 100 125 150 175 200 100 75 50 25 0 1 10 100 1000 10000 100000 1.0 10.0 100.0 1000.0 Tj=25C f=1.0MHz Vsig=50mVp-p Uni-directional V=0V Bi-directional V=0V V BR - Reverse Breakdown Voltage (V) Uni-directional @V R Bi-directional @V R 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 0 25 50 75 100 125 150 175 T A - Ambient Temperature (ºC) Figure 1 - Peak Pulse Power Rating Figure 2 - Pulse Derating Curve Figure 3 - Pulse Waveform Figure 4 - Typical Junction Capacitance Figure 5 - Steady State Power Dissipation Derating Curve 0 20 40 60 80 100 120 140 160 180 200 1 10 100 Number of Cycles at 60 Hz Figure 6 - Maximum Non-Repetitive Peak Forward Surge Current Uni-Directional Only |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |