Electronic Components Datasheet Search
  English  ▼

X  

MAX11321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11321
Description  1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11321 Datasheet HTML 1Page - Maxim Integrated Products MAX11321 Datasheet HTML 2Page - Maxim Integrated Products MAX11321 Datasheet HTML 3Page - Maxim Integrated Products MAX11321 Datasheet HTML 4Page - Maxim Integrated Products MAX11321 Datasheet HTML 5Page - Maxim Integrated Products MAX11321 Datasheet HTML 6Page - Maxim Integrated Products MAX11321 Datasheet HTML 7Page - Maxim Integrated Products MAX11321 Datasheet HTML 8Page - Maxim Integrated Products MAX11321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MAX11321–MAX11328
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
19-6467; Rev 0; 9/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX11321-MAX11328.related.
General Description
The MAX11321–MAX11328 are 12-/10-bit with external
reference and 500kHz, full-linear-bandwidth, high-speed,
low-power, serial-output successive approximation reg-
ister (SAR) analog-to-digital converters (ADCs). The
MAX11321–MAX11328 provide external access to the
output of the integrated mux and ADC input, to simplify
conditioning. The MAX11321–MAX11328 include both
internal and external clock modes. These devices feature
scan mode in both internal and external clock modes. The
internal clock mode features internal averaging to increase
SNR. The external clock mode features the SampleSetK
technology, a user-programmable analog input channel
sequencer. The SampleSet approach provides greater
sequencing flexibility for multichannel applications while
alleviating significant microcontroller or DSP (controlling
unit) communication overhead.
External pins provide access to the output of the
multiplexer and ADC inputs to simplify multichannel sig-
nal conditioning. The internal clock mode features an inte-
grated FIFO allowing data to be sampled at high speeds
and then held for readout at any time or at a lower clock
rate. Internal averaging is also supported in internal clock
mode improving SNR for noisy input signals. The devices
feature analog input channels that can be configured to
be single-ended inputs, fully differential pairs, or pseudo-
differential inputs with respect to one common input. The
MAX11321–MAX11328 operate from a 2.35V to 3.6V sup-
ply and consume only 5.4mW at 1Msps.
The MAX11321–MAX11328 include AutoShutdownK,
fast wake-up, and a high-speed 3-wire serial interface.
The devices feature full power-down mode for optimal
power management. The 48MHz, 3-wire serial interface
directly connects to SPI, QSPIK, and MICROWIREM
devices without external logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these convert-
ers ideal for portable battery-powered data-acquisition
applications, and for other applications that demand low
power consumption and small space.
The MAX11321–MAX11328 are available in 32-pin, 5mm
x 5mm, TQFN packages and operate over the -40NC to
+125NC temperature range.
Benefits and Features
S
Scan Modes, Internal Averaging, and Internal Clock
S
16-Entry First-In/First-Out (FIFO)
S
SampleSet: User-Defined Channel Sequence with
Maximum Length of 256
S
Input Pins
Any Combination of Single-Ended, Differential
and Pseudo-Differential Pairs Allowed
S
Analog Multiplexer with True Differential
Track/Hold
16-/8-/4-Channel Single-Ended
12-/8-/4-Channel Fully-Differential Pairs
15-/8-/4-Channel Pseudo-Differential Relative to
a Common Input
S
Externally Accessible Multiplex Output and
ADC Input
S
Two Software-Selectable Bipolar Input Ranges
 Q
VREF+/2, QVREF+
S
Flexible Input Configuration Across All Channels
S
High Accuracy
 Q
1 LSB INL, Q1 LSB DNL, No Missing Codes
S
70dB SINAD Guaranteed at 100kHz Input
Frequency
S
1.5V to 3.6V Digital I/O Supply Voltage
S
2.35V to 3.6V Supply Voltage
S
Extended Battery Life for Portable Applications
5.4mW at 1Msps with 3V Supplies
2µA Full-Shutdown Current
S
External Differential Reference (1V to VDD)
S
16MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSP-
Compatible Serial Interface
S
Wide -40NC to +125NC Operation
S
Space-Saving, 32-Pin, 5mm x 5mm TQFN Packages
S
1Msps Conversion Rate, No Pipeline Delay
Applications
High-Speed Data Acquisition Systems
High-Speed Closed-Loop Systems
Industrial Control Systems
Medical Instrumentation
Battery-Powered Instruments
Portable Systems
SampleSet and AutoShutdown are trademarks of Maxim
Integrated Products, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National Semiconductor
Corp.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX11321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11321ATJ+ MAXIM-MAX11321ATJ+ Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
More results

Similar Description - MAX11321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11329_V1 MAXIM-MAX11329_V1 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 1; 6/12
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com