Electronic Components Datasheet Search
  English  ▼

X  

MAX11321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11321
Description  1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11321 Datasheet HTML 1Page - Maxim Integrated Products MAX11321 Datasheet HTML 2Page - Maxim Integrated Products MAX11321 Datasheet HTML 3Page - Maxim Integrated Products MAX11321 Datasheet HTML 4Page - Maxim Integrated Products MAX11321 Datasheet HTML 5Page - Maxim Integrated Products MAX11321 Datasheet HTML 6Page - Maxim Integrated Products MAX11321 Datasheet HTML 7Page - Maxim Integrated Products MAX11321 Datasheet HTML 8Page - Maxim Integrated Products MAX11321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Maxim Integrated
MAX11321–MAX11328
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
VDD to GND.............................................................-0.3V to +4V
AOP, AON, AIP, AIN, OVDD, AIN0–AIN13, CNVST/AIN14, REF+,
REF-/AIN15 to GND....................................... -0.3V to the lower of
(VDD + 0.3V) and +4V
CS, SCLK, DIN, DOUT, EOC TO GND .......-0.3V to the lower of
(VOVDD + 0.3V) and +4V
DGND to GND......................................................-0.3V to +0.3V
Input/Output Current (all pins) ...........................................50mA
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 34.4mW/NC above +70NC)..................2758mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA)...........29NC/W
Junction-to-Case Thermal Resistance (BJC)...............1.7NC/W
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS (MAX11322/MAX11325/MAX11328)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 1Msps, fSCLK = 16MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 3 and 4)
Resolution
RES
12 bit
12
Bits
Integral Nonlinearity
INL
Q
1.0
LSB
Differential Nonlinearity
DNL
No missing codes
Q
1.0
LSB
Offset Error
1.2
Q
3.0
LSB
Gain Error
(Note 5)
0.02
Q
5.5
LSB
Offset Error Temperature Coefficient
OETC
Q
2
ppm/NC
Gain Temperature Coefficient
GETC
Q
0.8
ppm/NC
Channel-to-Channel Offset Matching
Q
0.5
LSB
Line Rejection
PSR
(Note 6)
0.3
Q
2
LSB/V
DYNAMIC PERFORMANCE (100kHz, Input Sine Wave) (Notes 3 and 7)
Signal-to-Noise Plus Distortion
SINAD
70
71.9
dB
Signal-to-Noise Ratio
SNR
70
72.3
dB
Total Harmonic Distortion
(Up to the 5th Harmonic)
THD
-83
-76
dB
Spurious-Free Dynamic Range
SFDR
77
84
dB
Intermodulation Distortion
IMD
f1 = 99.2432kHz, f2 = 69.2139kHz
-85
dB
Full-Power Bandwidth
-3dB
30
MHz
-0.1dB
5
Full-Linear Bandwidth
SINAD ≥ 70dB
0.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com