Electronic Components Datasheet Search
  English  ▼

X  

MAX44006 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44006
Description  RGB Color, Infrared, and Temperature Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44006 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44006 Datasheet HTML 1Page - Maxim Integrated Products MAX44006 Datasheet HTML 2Page - Maxim Integrated Products MAX44006 Datasheet HTML 3Page - Maxim Integrated Products MAX44006 Datasheet HTML 4Page - Maxim Integrated Products MAX44006 Datasheet HTML 5Page - Maxim Integrated Products MAX44006 Datasheet HTML 6Page - Maxim Integrated Products MAX44006 Datasheet HTML 7Page - Maxim Integrated Products MAX44006 Datasheet HTML 8Page - Maxim Integrated Products MAX44006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MAX44006/MAX44008
RGB Color, Infrared, and Temperature Sensors
General Description
The MAX44006/MAX44008 integrate six sensors in two
products: red, green, blue (RGB) sensors; an ambient
light (clear) sensor; a temperature sensor; and an ambi-
ent infrared sensor with an I2C interface. These highly
integrated optical sensors include a temperature sensor
to improve reliability and performance.
The devices compute the light information with six paral-
lel data converters allowing simultaneous light measure-
ment in a very short time. The devices consume only
15FA (MAX44006) and 16FA (MAX44008) separately in
RGBC + TEMP + IR mode, and also have the ability to
operate at 1.7V to 2.0V (MAX44006) and 2.7V to 5.5V
supply voltage (MAX44008).
The devices’ RGB sensing capability improves the
performance of end products by providing robust and
precise information for ambient color-sensing and
color-temperature measurement.
The devices’ superior infrared and 50Hz/60Hz rejection
provide robust readings. The wide dynamic range light
measurement makes these products perfect candidates
for many color measurement applications.
The on-chip ambient sensor has the ability to make wide
dynamic range (0.002~8388.61FW/cm2) lux measure-
ments. The devices’ digital computation power provides
programmability and flexibility for end-product design. A
programmable interrupt pin minimizes the need to poll
the devices for data, freeing up microcontroller resourc-
es, reducing system software overhead, and ultimately
reducing power consumption. All these features are
included in a tiny 2mm x 2mm x 0.6mm optical package.
Applications
TVs/Display Systems
Tablet PCs/Notebooks/e-Readers
Printers
LED and Laser Projectors
Digital Light Management
Industrial Sensors
Tablets
Color Correction
Features
S
Optical Sensor Fusion for True Color Sensing
Seven Parallel ADCs
R, G, B, IR, ALS Sensing
S
Superior Sensitivity
0.001 Lux
S
Optimized for Overall System Power Consumption
10µA (MAX44006)/10µA (MAX44008) in Ambient
Mode
15µA (MAX44006)/16µA (MAX44008) in RGBC +
IR Mode
0.01µA (MAX44006)/0.5µA (MAX44008) in
Shutdown Mode
S
Digital Functionalities
Programmable Channel Gains
Adjustable Interrupt Thresholds
S
High-Level Integration
Six Sensors in a 2mm x 2mm x 0.6mm
Package
Functional Diagram
19-6298; Rev 1; 8/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maximintegrated.com/MAX44006.related.
EVALUATION KIT AVAILABLE
I2C
14-BIT
ADC
14-BIT
ADC
14-BIT
ADC
MICROCONTROLLER
SDA
SCL
14-BIT
ADC
14-BIT
ADC
14-BIT
ADC
AMB
PGA
AMB
PGA
AMB
PGA
AMB
PGA
AMB
PGA
AMB
PGA
RED
GREEN
BLUE
CLEAR
COMP
GND
GND
AO
VDD
INT
MAX44006
MAX44008
14-BIT
ADC
TEMP
IR
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.


Similar Part No. - MAX44006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44006 MAXIM-MAX44006 Datasheet
1Mb / 25P
Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
MAX44006EVSYS MAXIM-MAX44006EVSYS Datasheet
1Mb / 25P
Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
MAX44006EVSYS# MAXIM-MAX44006EVSYS# Datasheet
1Mb / 25P
Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
More results

Similar Description - MAX44006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
RGB Color Sensor
logo
Maxim Integrated Produc...
MAX44005 MAXIM-MAX44005 Datasheet
3Mb / 27P
RGB Color, Temperature,and Infrared Proximity Sensor
Rev 0; 5/12
logo
BetLux Electronics
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
Full-color RGB
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com