Electronic Components Datasheet Search
  English  ▼

X  

MAX44006 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX44006
Description  RGB Color, Infrared, and Temperature Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44006 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX44006 Datasheet HTML 9Page - Maxim Integrated Products MAX44006 Datasheet HTML 10Page - Maxim Integrated Products MAX44006 Datasheet HTML 11Page - Maxim Integrated Products MAX44006 Datasheet HTML 12Page - Maxim Integrated Products MAX44006 Datasheet HTML 13Page - Maxim Integrated Products MAX44006 Datasheet HTML 14Page - Maxim Integrated Products MAX44006 Datasheet HTML 15Page - Maxim Integrated Products MAX44006 Datasheet HTML 16Page - Maxim Integrated Products MAX44006 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
Maxim Integrated
MAX44006/MAX44008
RGB Color, Infrared, and Temperature Sensors
Table 7. MODE[1:0]
The 2 MODE[1:0] bits define three operating modes for the devices, as shown in Table 7.
Writing to the Ambient Configuration register aborts any ambient data conversion (registers 0x04 to 0x0F) if already in
progress, applies the new settings immediately, and initiates a new conversion.
Ambient Configuration Register (0x02)
*When TEMPEN set to 1.
MODE[1:0]
OPERATING MODE
COMMENTS
00
Clear
CLEAR + TEMP* channels active
01
Clear + IR
CLEAR + TEMP* + IR channels active
10
Clear + RGB + IR
CLEAR + TEMP* + RGB + IR channels active
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
REGISTER
ADDRESS
POWER-
ON
RESET
STATE
R/W
Ambient
Configuration
TRIM
COMPEN TEMPEN
AMBTIM[2:0]
AMBPGA[1:0]
0x02
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com