Electronic Components Datasheet Search
  English  ▼

X  

HT46R016 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R016
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R016 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R016 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R016 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Rev. 1.00
3�
���� 1�� �01�
Rev. 1.00
33
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D Type 8-Bit OTP MCU
Reset and Initialisation
A reset function is a fundamental part of any microcontroller ensuring that the device can be set to
some predetermined condition irrespective of outside parameters. The most important reset condition
is after power is first applied to the microcontroller. In this case, internal circuitry will ensure that
the microcontroller, after a short delay, will be in a well defined state and ready to execute the first
program instruction. After this power-on reset, certain important internal registers will be set to
defined states before the program commences.
Another type of reset is when the Watchdog Timer overflows and resets the microcontroller. All
types of reset operations result in different register conditions being setup. Another reset exists in the
form of a Low Voltage Reset, LVR, where a full reset, is implemented in situations where the power
supply voltage falls below a certain threshold.
Reset Functions
There are four ways in which a microcontroller reset can occur, through events occurring both
internally and externally:
● Power-on Reset
The most fundamental and unavoidable reset is the one that occurs after power is first applied to
the microcontroller. As well as ensuring that the Program Memory begins execution from the first
memory address, a power-on reset also ensures that certain other registers are preset to known
conditions. All the I/O port and port control registers will power up in a high condition ensuring
that all pins will be first set to inputs.
The microcontroller has an internal RC reset function, due to unstable power on conditions.
This time delay created by the RC network ensures the state of the POR remains low for an
extended period while the power supply stabilizes. During this time, normal operation of the
microcontroller is inhibited. After the state of the POR reaches a certain voltage value, the reset
delay time tPOR is invoked to provide an extra delay time after which the microcontroller can begin
normal operation.
VDD
Power-on
Reset
SST Time-out
tRSTD
Power-On Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com