Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 7 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 3Page - Weidmuller 4157440000 Datasheet HTML 4Page - Weidmuller 4157440000 Datasheet HTML 5Page - Weidmuller 4157440000 Datasheet HTML 6Page - Weidmuller 4157440000 Datasheet HTML 7Page - Weidmuller 4157440000 Datasheet HTML 8Page - Weidmuller 4157440000 Datasheet HTML 9Page - Weidmuller 4157440000 Datasheet HTML 10Page - Weidmuller 4157440000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
298
Housing version
Polyamide PA 6.6
Flammability class
U2 (UL 94)
Colour
grey
Notes:
BLZ may only be actuated with the supply disconnected. If
small power ratings need to be switched for operating reasons,
empirical values are available on request.
Description
Housing base completely assembled with locking foot, not
cross-connectable
Housing base completely assembled with locking foot, cross-
connectable
Top part with transparent cover/top unit
Pin header 5.08/3-pole orange; right
Pin header 5.08/3-pole orange; left
Connector socket 2-pole for BLZ 5.08/2 screw terminal
- orange
- black
Other colours are available on request
Connector socket 3-pole for BLZ 5.08/3 terminal
- orange
- black
Other colours are available on request
Connector socket 2-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Connector socket 3-pole for BLZ 5.08/3 tension clamp terminal
- orange
- black
Accessories
Cross-connection ZQV 2.5N/2 black
Cross-connection ZQV 2.5N/2 red
Cross-connection ZQV 2.5N/2 blue
Cross-connection ZQV 2.5N/2 yellow
Coding elements for BLZ BLZ KO black
Coding elements for BLZ BLZ KO orange
WS connector marker
WS15/5 Multicard*
WS10/5 Multicard *
WS10/5 Neutral*
Screw cap
Power loss, arranged side by side, type
Ordering example WAVEBOX S 22.5
Housing base completely assembled with locking foot, not
cross-connectable
Top part with transparent cover/top unit
Pin header 5,08/3-pole orange; right
Pin header 5.08/3-pole orange; left
Connector socket 3-pole for BLZ 5.08/3 screw terminal, orange
* Marker see page 317 + 318
Attention!
These WAVEBOX-housings are authorized only to be used
in a closed control cubicle!
Type
Cat. No.
Qty.
WAVEBOX S 22.5
8426440000
10
WAVEBOX S 22.5 QV
8426450000
10
Head
8426460000
10
Pin header
8426620000
10
Pin header
8426630000
10
Connector socket
1526560000
100
Connector socket
1526510000
100
Connector socket
1707470000
100
Connector socket
1707700000
100
ZQV 2.5N/2 black
1718080000
60
ZQV 2.5N/2 red
1717900000
60
ZQV 2.5N/2 blue
1717990000
60
ZQV 2.5N/2 yellow
1693800000
60
Coding element
1545710000
100
Coding element
1573010000
100
--
--
2.2 W/40 °C
Type
Cat. No.
8426440000
1x
8426460000
1x
8426620000
1x
8426630000
1x
1526560000
2x
Type
Cat. No.
Qty.
WAVEBOX L 22.5
8426470000
10
WAVEBOX L 22.5 QV
8426480000
10
8426490000
10
8426620000
10
8426630000
10
1526560000
100
1526510000
100
1707470000
100
1707700000
100
1718080000
60
1717900000
60
1717990000
60
1693800000
60
1545710000
100
1573010000
100
--
--
CAP
8428120000
-
3 W/20 °C
2.2 W/40 °C
Dimension drawing, see page 308
WAVEBOX S 22.5
WAVEBOX L 22.5
Housings for pluggable
printed circuit boards
Housings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com