Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 16 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 16 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller 4157440000 Datasheet HTML 18Page - Weidmuller 4157440000 Datasheet HTML 19Page - Weidmuller 4157440000 Datasheet HTML 20Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
307
Housings
SEG-U/LPU
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
EG 4 – Fig. VI
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 22…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
dekafix 6.5
EG 5 – Fig. VII
22.5 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 22…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 6.5
20 mm
17 mm
0.5…4 mm2
0.5…2.5 mm2
AWG 26…14
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5
EG 6
Type
Cat. No.
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EW 35
0383560000
dekafix 6.5
with assembly plate MPL
with assembly plate MPL
Anreihmaß
EG 3 - Fig. V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com