Electronic Components Datasheet Search
  English  ▼

X  

HT32F2755 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F2755
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F2755 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F2755 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Rev. 1.00
�1 of 45
����st 1�� �01�
��-bit �RM Cortex™-M� MCU
HT��F1755/HT��F1765/HT��F�755
Pin Assignment
48 47 46 45 44 43 42 41 40 39 38
1
2
3
4
5
6
7
8
9
10
11
13 14 15 16 17 18 19 20 21 22 23
35
34
33
32
31
30
29
28
27
26
25
PA0
ADC_IN0
SCI_DIO
PA1
ADC_IN1
UR0_TX
GT1_CH1
PA2
ADC_IN2
UR0_RX
GT1_CH2
PA3
ADC_IN3
UR1_RTS
/ TXE
GT1_CH3
PA4
ADC_IN4
UR1_CTS
/ SCK
PA5
ADC_IN5
UR1_TX
SPI1_MOSI
PA6
ADC_IN6
UR1_RX
SPI1_MISO
PA7
ADC_IN7
SPI1_SCK
VDD33_1
SPI1_SEL
USBDP
USBDM
VSS33_3
VDD33_3
UR0_CTS
MT_CH1N
I2C0_SDA
PC12
UR0_RTS
MT_CH1
I2C0_SCL
PC11
UR1_RX
MT_CH0N
PE15
JTRST
UR1_TX
MT_CH0
PE14
JTDI
UR0_RX
MT_ETI
SCI_DET
PC10
PC9_
BOOT1
UR0_TX
--
CKOUT
PC8_
BOOT0
AF0
(Default)
AF1
AF2
AF3
AF1
AF2
AF3
(HT32F1755)
(HT32F1765)
P33
P33
BAK
5VT
BAK
P33
BAK
33V
BAK
33V
BAK
5VT
5VT
5VT
5VT
P18
USB
USB
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
33V
AP
AP
P33
AP
P18
33V
5VT
5VT
3.3 V Digital Power Pad
3.3 V Analog Power Pad
1.8 V Power Pad
3.3 V I/O Pad
5 V Tolerance I/O Pad
High Current Output
5 V Tolerance I/O Pad
Holtek
HT32F1755/1765/2755
48 LQFP
37
12
24
36
AF0
(Default)
33V
SCI_CLK
GT1_CH0
VSS33_1
P33
P33
33V 33V
PE13
PE12
PE11
P33
P33
5VT
33V
33V
AF3*
(HT32F2755)
P33
P33
5VT 5VT 5VT 5VT
5VT
5VT
5VT
5VT
5VT
5VT
USB
USB PHY Pad
CSIF_MCK
CSIF_PCK
CSIF_VSYNC
CSIF_HSYNC
JTCK_
SWCLK
JTDO_
TRACESWO
JTMS_
SWDIO
BAK
Backup Domain Pad
Figure 4. HT32F1755/1765/2755 48-LQFP Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com