Electronic Components Datasheet Search
  English  ▼

X  

HT32F2755 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT32F2755
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F2755 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT32F2755 Datasheet HTML 35Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 36Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F2755 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Rev. 1.00
�9 of 45
����st 1�� �01�
��-bit �RM Cortex™-M� MCU
HT��F1755/HT��F1765/HT��F�755
USB Characteristics
The USB interface is USB-IF certified – Full Speed.
Table 21. USB DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
USB Operatin� volta�e
—
�.0
—
�.6
V
VDI
Differential inp�t sensitivity
|USBDP-USBDM|
0.�
—
—
V
VCM
Common mode volta�e ran�e
—
0.8
—
�.5
V
VSE
Sin�le-ended receiver threshold
—
0.8
—
�.0
V
VOL
Pad o�tp�t low volta�e
RL of 1.5kΩ to VDD
0
—
0.�
V
VOH
Pad o�tp�t hi�h volta�e
�.8
—
�.6
V
VCRS
Differential o�tp�t si�nal cross-point volta�e
—
1.�
—
�.0
V
ZDRV
Driver o�tp�t resistance
—
—
10
—
Ω
CIN
Transceiver pad capacitance
—
—
—
�0
pF
NOTES: 1. G�aranteed by desi�n� not tested in prod�ction.
2. To be compliant with the USB 2.0 full-speed electrical specification, the USBDP pin should be pulled
up with a 1.5kΩ external resistor to a 3.0 to 3.6V voltage supply.
3. The USB f�nctionality is ens�red down to �.7V b�t not the f�ll USB electrical characteristics which will
experience de�radation in the �.7 to �.0V VDD volta�e ran�e.
4. RL is the load connected to the USB driver USBDP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com