Electronic Components Datasheet Search
  English  ▼

X  

HT66F016 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
46
May 14, 2012
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. With the input or output designation of every pin
fully under user program control, pull-high selections for all ports and wake-up selections on certain pins, the user is
provided with an I/O structure to meet the needs of a wide range of application possibilities.
The device provides bidirectional input/output lines labeled with port names PA and PB. These I/O ports are mapped to
the RAM Data Memory with specific addresses as shown in the Special Purpose Data Memory table. All of these I/O
ports can be used for input and output operations. For input operation, these ports are non-latching, which means the
inputs must be ready at the T2 rising edge of instruction
²MOV A,[m]², where m denotes the port address. For output
operation, all the data is latched and remains unchanged until the output latch is rewritten.
· I/O Register List
Register
Name
Bit
76543210
PA
D7
D6
D5
D4
D3
D2
D1
D0
PAC
D7
D6
D5
D4
D3
D2
D1
D0
PAPU
D7
D6
D5
D4
D3
D2
D1
D0
PAWU
D7
D6
D5
D4
D3
D2
D1
D0
PB
¾¾
D5
D4
D3
D2
D1
D0
PBC
¾¾
D5
D4
D3
D2
D1
D0
PBPU
¾¾
D5
D4
D3
D2
D1
D0
PRM
PRML3
PRML2
PRML1
PRML0
PRMS3
PRMS2
PRMS1
PRMS0
Pull-High Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the use of an external re-
sistor. To eliminate the need for these external resistors, all I/O pins, when configured as an input have the capability of
being connected to an internal pull-high resistor. These pull-high resistors are selected using the register PAPU and
PBPU, and are implemented using weak PMOS transistors.
· PAPU Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
I/O Port A bit 7 ~ bit 0 Pull-high control
0: disable
1: enable
· PBPU Register
Bit
76543210
Name
¾¾
D5
D4
D3
D2
D1
D0
R/W
¾¾
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾¾
000000
Bit 7~6
²¾² Unimplemented, read as 0
Bit 5~0
I/O Port B bit 5 ~ bit 0 Pull-high control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com