Electronic Components Datasheet Search
  English  ▼

X  

HT66F016 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT66F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
92
May 14, 2012
EEPROM Interrupt
The EEPROM Interrupt, is contained within the
Multi-function Interrupt. An EEPROM Interrupt request
will take place when the EEPROM Interrupt request
flag, DEF, is set, which occurs when an EEPROM Write
cycle ends. To allow the program to branch to its respec-
tive interrupt vector address, the global interrupt enable
bit, EMI, EEPROM Interrupt enable bit, DEE, and asso-
ciated Multi-function interrupt enable bit, must first be
set. When the interrupt is enabled, the stack is not full
and an EEPROM Write cycle ends, a subroutine call to
the respective Multi-function Interrupt vector, will take
place. When the EEPROM Interrupt is serviced, the EMI
bit will be automatically cleared to disable other inter-
rupts, however only the Multi-function interrupt request
flag will be also automatically cleared. As the DEF flag
will not be automatically cleared, it has to be cleared by
the application program.
LVD Interrupt
The Low Voltage Detector Interrupt is contained within
the Multi-function Interrupt. An LVD Interrupt request will
take place when the LVD Interrupt request flag, LVF, is
set, which occurs when the Low Voltage Detector func-
tion detects a low power supply voltage. To allow the
program to branch to its respective interrupt vector ad-
dress, the global interrupt enable bit, EMI, Low Voltage
Interrupt enable bit, LVE, and associated Multi-function
interrupt enable bit, must first be set. When the interrupt
is enabled, the stack is not full and a low voltage condi-
tion occurs, a subroutine call to the Multi-function Inter-
rupt vector, will take place. When the Low Voltage
Interrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts, however only the
Multi-function interrupt request flag will be also automat-
ically cleared. As the LVF flag will not be automatically
cleared, it has to be cleared by the application program.
TM Interrupts
The Compact and Standard Type TMs have two inter-
rupts each. All of the TM interrupts are contained within
the Multi-function Interrupts. For each of the Compact
and Standard Type TMs there are two interrupt request
flags TnPF and TnAF and two enable bits TnPE and
TnAE. A TM interrupt request will take place when any
of the TM request flags are set, a situation which occurs
when a TM comparator P or A match situation happens.
To allow the program to branch to its respective interrupt
vector address, the global interrupt enable bit, EMI, re-
spective TM Interrupt enable bit, and relevant
Multi-function Interrupt enable bit, MFnE, must first be
set. When the interrupt is enabled, the stack is not full
and a TM comparator match situation occurs, a subrou-
tine call to the relevant Multi-function Interrupt vector lo-
cations, will take place. When the TM interrupt is
serviced, the EMI bit will be automatically cleared to dis-
able other interrupts, however only the related MFnF
flag will be automatically cleared. As the TM interrupt re-
quest flags will not be automatically cleared, they have
to be cleared by the application program.
Interrupt Wake-up Function
Each of the interrupt functions has the capability of wak-
ing up the microcontroller when in the SLEEP or IDLE
Mode. A wake-up is generated when an interrupt re-
quest flag changes from low to high and is independent
of whether the interrupt is enabled or not. Therefore,
even though the device is in the SLEEP or IDLE Mode
and its system oscillator stopped, situations such as ex-
ternal edge transitions on the external interrupt pins, a
low power supply voltage or comparator input change
may cause their respective interrupt flag to be set high
and consequently generate an interrupt. Care must
therefore be taken if spurious wake-up situations are to
be avoided. If an interrupt wake-up function is to be dis-
abled then the corresponding interrupt request flag
should be set high before the device enters the SLEEP
or IDLE Mode. The interrupt enable bits have no effect
on the interrupt wake-up function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com