Electronic Components Datasheet Search
  English  ▼

X  

AMG-DF102 Datasheet(PDF) 1 Page - alpha microelectronics gmbh

Part # AMG-DF102
Description  Full Bridge MOSFET/IGBT Driver up to 600V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-DF102 Datasheet(HTML) 1 Page - alpha microelectronics gmbh

  AMG-DF102 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AMG-DF102
Full Bridge MOSFET/IGBT Driver up to 600V
1. Functional Description of the AMG-DF102
The AMG-DF102 is a high voltage MOSFET and IGBT driver with two dependent high and low
side output channels for Full-Bridge applications. The IC AMG-DF102 has an additional driver
in high side configuration to drive a buck converter.
CMOS and TTL compatible input levels. Logic inputs are CMOS Schmitt-triggered with pull-
down resistors.
The floating high side outputs are designed for bootstrap operation so to drive an N-channel
power MOSFET or IGBT in high side configuration.
During start up the input ENQ need to be tied to VCC to pull the driver outputs low. With ENQ
being pulled low, the device is enabled. This protects against unwanted behaviour of the
power stage during the start up process, when the supply voltage is rising.
2. Features
Logic supply range from 12 to 15V
CMOS Schmitt-triggered input logic with pull-down
Internally inserted dead time
High side output follows corresponding input
Floating high side outputs designed for bootstrap operation
Enable input turns off all outputs
Under-voltage detection for all outputs
Temperature range –25°C to 85°C
Package SOP24
3. Application
The AMG-DF102 is suitable for High Voltage Power Supplies, Motor Controls, Inverters,
Battery Chargers and Lamp Ballasts.
AMG-DF102
Revision: AB
30. Nov. 2010
© All rights reserved
Page 1 of 12


Similar Part No. - AMG-DF102

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
AMG-LM302 ALPHA-MICRO-AMG-LM302 Datasheet
754Kb / 23P
Ballast Controller for Metal Halide Lamps
More results

Similar Description - AMG-DF102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3941 ALLEGRO-A3941 Datasheet
524Kb / 20P
Automotive Full Bridge MOSFET Driver
August 23, 2011
A4940 ALLEGRO-A4940 Datasheet
404Kb / 14P
Automotive Full Bridge MOSFET Driver
logo
Nihon Inter Electronics...
PBMB200E6 NIEC-PBMB200E6 Datasheet
328Kb / 4P
Full Bridge IGBT Module 200A/600V
logo
Allegro MicroSystems
A3941 ALLEGRO-A3941 Datasheet
401Kb / 21P
Automotive Full Bridge MOSFET Driver
A3921 ALLEGRO-A3921_16 Datasheet
401Kb / 21P
Automotive Full Bridge MOSFET Driver
A3924 ALLEGRO-A3924 Datasheet
645Kb / 55P
Automotive, Full-Bridge MOSFET Driver
A3941 ALLEGRO-A3941_16 Datasheet
401Kb / 21P
Automotive Full Bridge MOSFET Driver
A4940 ALLEGRO-A4940_16 Datasheet
402Kb / 14P
Automotive Full Bridge MOSFET Driver
A4957 ALLEGRO-A4957_16 Datasheet
314Kb / 16P
Full Bridge MOSFET Driver
A5929 ALLEGRO-A5929 Datasheet
536Kb / 17P
Automotive Full-Bridge MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com