Electronic Components Datasheet Search
  English  ▼

X  

AMG-DF102 Datasheet(PDF) 11 Page - alpha microelectronics gmbh

Part # AMG-DF102
Description  Full Bridge MOSFET/IGBT Driver up to 600V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-DF102 Datasheet(HTML) 11 Page - alpha microelectronics gmbh

Back Button AMG-DF102 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 12Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AMG-DF102
Full Bridge MOSFET/IGBT Driver up to 600V
11. IC-Marking
ɑDF102
4 digits date code = 2 digits year + 2 digits work week
8 digits lot number = 2 digits fab process + 4 digits lot number + 1 digit sub lot
12. Ordering Information
AMG-DF102-ISP24U
shipment in tubes
AMG-DF102-ISP24R
shipment in Tape & Reel
13. Notes and Cautions
13.1. ESD Protection
The Requirements for Handling Electrostatic Discharge Sensitive Devices are described in the
JEDEC standard JESD625-A. Please note the following recommendations:
When handling the device, operators must be grounded by wearing a for the purpose
designed grounded wrist strap with at least 1MΩ resistance and direct skin contact.
Operators must at all times wear ESD protective shoes or the area should be
surrounded by for ESD protection intended floor mats.
Opening of the protective ESD package that the device is delivered in must only occur at
a properly equipped ESD workbench. The tape with which the package is held together
must be cut with a sharp cutting tool, never pulled or ripped off.
Any unnecessary contact with the device or any unprotected conductive points should be
avoided.
Work only with qualified and grounded tools, measuring equipment, casing and
workbenches.
Outside properly protected ESD-areas the device or any electronic assembly that it may
be part of should always be transported in EGB/ESD shielded packaging.
13.2. Storage conditions
The AMG-DF102 corresponds to moisture sensitivity classification ML2, according to JEDEC
standard J-STD-020, and should be handled and stored according to J-STD-033.
AMG-DF102
Revision: AB
30. Nov. 2010
© All rights reserved
Page 11 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com