Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 40Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 41Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 42Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 43Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 44Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
44 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11.4 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Fig 25. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
W&+&/
W&/&;
W&+&;
7F\ FON
W&/&+
W&+&/
W&/&;
W&+&;
7F\ FON
W&/&+
W&+&/
W&/&;
W&+&;
7F\ FON
W&/&+
W&+&/
W&/&;
W&+&;
7F\ FON
W&/&+
DDD
Table 13.
Dynamic characteristic: internal oscillators
Tamb = 40 C to +85 C; 2.7 V  VDD  3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency -
11.88
12
12.12
MHz
Conditions: Frequency values are typical values. <tbd>.
Fig 26. Internal RC oscillator frequency versus temperature
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com