Electronic Components Datasheet Search
  English  ▼

X  

LPC810M021FN8 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 7Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 8Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 9Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
11 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
7.
Functional description
7.1 ARM Cortex-M0+ core
The ARM Cortex-M0+ core runs at an operating frequency of up to 30 MHz using a
two-stage pipeline. Integrated in the core are the NVIC and Serial Wire Debug with four
breakpoints and two watchpoints. The ARM Cortex-M0+ core supports a single-cycle I/O
enabled port for fast GPIO access.
The core includes a single-cycle multiplier and a system tick timer.
7.2 On-chip flash program memory
The LPC81xM contain up to 16 kB of on-chip flash program memory. The flash memory
supports a 64 Byte page size with page write and erase.
7.3 On-chip SRAM
The LPC81xM contain a total of 1 kB, 2 kB, or 4 kB on-chip static RAM data memory.
7.4 On-chip ROM
The 8 kB on-chip ROM contains the boot loader and the following Application
Programming Interfaces (API):
• In-System Programming (ISP) and In-Application Programming (IAP) support for flash
programming
• Power profiles for configuring power consumption and PLL settings
• USART driver API routines
• I2C-bus driver API routines
7.5 Nested Vectored Interrupt Controller (NVIC)
The Nested Vectored Interrupt Controller (NVIC) is an integral part of the Cortex-M0+. The
tight coupling to the CPU allows for low interrupt latency and efficient processing of late
arriving interrupts.
7.5.1 Features
• Controls system exceptions and peripheral interrupts.
• In the LPC81xM, the NVIC supports 32 vectored interrupts including up to 8 external
interrupt inputs selectable from all GPIO pins.
• Four programmable interrupt priority levels with hardware priority level masking.
• Software interrupt generation using the ARM exceptions SVCall and PendSV.
• Relocatable interrupt vector table.
7.5.2 Interrupt sources
Each peripheral device has one interrupt line connected to the NVIC but may have several
interrupt flags. Individual interrupt flags may also represent more than one interrupt
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com