Electronic Components Datasheet Search
  English  ▼

X  

MS-2234 Datasheet(PDF) 1 Page - Analog Devices

Part # MS-2234
Description  Anatomy of a Digital Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MS-2234 Datasheet(HTML) 1 Page - Analog Devices

  MS-2234 Datasheet HTML 1Page - Analog Devices MS-2234 Datasheet HTML 2Page - Analog Devices MS-2234 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Article
MS-2234
.
www.analog.com
October 2011 | Page 1 of 3
©2011 Analog Devices, Inc. All rights reserved.
Anatomy of a Digital Isolator
by David Krakauer, Product Line Manager,
Analog Devices, Inc.
IDEA IN BRIEF
Digital isolators offer significant, compelling advantages
over optocouplers in terms of size, speed, power
consumption, ease of use, and reliability.
or years, designers of industrial, medical, and other
isolated systems had limited options when
implementing safety isolation: the only reasonable
choice was the optocoupler. Today, digital isolators offer
advantages in performance, size, cost, power efficiency, and
integration. Understanding the nature and interdependence
of three key elements of a digital isolator is important in
choosing the right digital isolator. These elements are
insulation material, their structure, and data transfer
method.
Designers incorporate isolation because of safety regulations
or to reduce noise from ground loops, etc. Galvanic isolation
ensures data transfer without an electrical connection or
leakage path that might create a safety hazard. Yet, isolation
imposes constraints such as delays, power consumption,
cost, and size. A digital isolator’s goal is to meet safety
requirements while minimizing incurred penalties.
Optocouplers, a traditional isolator, incur the greatest
penalties, consuming high levels of power and limiting data
rates to below 1 Mbps. More power efficient and higher
speed optocouplers are available but impose a higher cost
penalty.
Digital isolators were introduced over 10 years ago to reduce
penalties associated with optocouplers. They use CMOS-
based circuitry and offer significant cost and power savings
while significantly improving data rates. They are defined by
the elements noted above. Insulating material determines
inherent isolation capability and is selected to ensure
compliance to safety standards. Structure and data transfer
method are chosen to overcome the cited penalties. All three
elements must work together to balance design targets, but
the one target that cannot be compromised and “balanced”
is the ability to meet safety regulations.
Insulation Material
Digital isolators use foundry CMOS processes and are
limited to materials commonly used in foundries.
Nonstandard materials complicate production, resulting in
poor manufacturability and higher costs. Common
insulating materials include polymers such as polyimide
(PI), which can be spun on as a thin film, and silicon dioxide
(SiO2). Both have well known insulating properties and have
been used in standard semiconductor processing for years.
Polymers have been the basis for many optocouplers, giving
them an established history as a high voltage insulator.
Figure 1. Transformer with Thick Polyimide Insulation Where Current Pulses Create Magnetic Fields to Induce Current on the Secondary Coil (left);
Capacitor with Thin SiO2 Insulation Using Low Current Electric Fields to Couple Across Isolation Barrier (right)
F


Similar Part No. - MS-2234

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-22-140 ETC2-MS-22-140 Datasheet
5Mb / 282P
High-Speed Interconnect Technology
MS-22-140-Y ETC2-MS-22-140-Y Datasheet
5Mb / 282P
High-Speed Interconnect Technology
logo
PIC GmbH
MS-2210M-3 PIC-MS-2210M-3 Datasheet
160Kb / 2P
Reedsensor
MS-2210M-6 PIC-MS-2210M-6 Datasheet
160Kb / 2P
Leistungs-Reedsensor
logo
Analog Devices
MS-2212 AD-MS-2212 Datasheet
248Kb / 5P
Technical Article
More results

Similar Description - MS-2234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
iCoupler Digital Isolator
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100ARZ AD-ADUM1100ARZ Datasheet
384Kb / 20P
iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
Coupler Digital Isolator
Rev. I
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com