Electronic Components Datasheet Search
  English  ▼

X  

MS-2234 Datasheet(PDF) 2 Page - Analog Devices

Part # MS-2234
Description  Anatomy of a Digital Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MS-2234 Datasheet(HTML) 2 Page - Analog Devices

  MS-2234 Datasheet HTML 1Page - Analog Devices MS-2234 Datasheet HTML 2Page - Analog Devices MS-2234 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS-2234
Technical Article
www.analog.com
©2011 Analog Devices, Inc. All rights reserved.
October 2011 | Page 2 of 3
Table 1. Polymer/Polyimide-Based Isolators Yield the Best Isolation Properties
Polymer-Based
Optocoupler
Polyimide-Based Digital
Isolator
SiO2-Based Digital Isolator
Withstand Voltage (1 Minute)
7.5 kV rms
5 kV rms
5 kV rms
Lifetime at 400 V rms Working Voltage
25 years
50 years
25 years
Surge Level for Reinforced Insulation
20 kV
12 kV
7 kV
Distance Through the Insulation
(Insulation Thickness)
400 µm
14 µm to 26 µm
7 µm to 15 µm
Safety standards typically specify a 1 minute voltage
withstand rating (typically 2.5 kV rms to 5 kV rms) and
working voltage (typically 125 V rms to 400 V rms). Some
standards also specify shorter duration, higher voltage (e.g.,
10 kV peak for 50 µs) as part of certification for reinforced
insulation. Polymer/polyimide-based isolators yield the best
isolation properties, as shown in Table 1.
Polyimide-based digital isolators are similar to optocouplers
and exceed lifetime at typical working voltages. SiO2-based
isolators provide weaker protection against surges,
preventing use in medical and other applications.
The inherent stress of each film is also different. Polyimide
has lower stress than SiO2 and can increase in thickness as
needed. SiO2 thickness, and therefore isolation capability, is
limited; stress beyond 15 µm may result in cracked wafers
during processing or delamination over the life of the
isolator. Polyimide-based digital isolators use isolation layers
as thick as 26 µm.
Isolator Structure
Digital isolators use transformers or capacitors to
magnetically or capacitively couple data across an isolation
barrier, compared to optocouplers that use light from LEDs.
Transformers pulse current through a coil, as shown in
Figure 1, to create a small, localized magnetic field that
induces current in another coil. The current pulses are short,
1 ns, so the average current is low.
Transformers are also differential and provide excellent
common-mode transient immunity, as high as 100 kV/µs
(optocouplers are typically about 15 kV/µs). Magnetic
coupling also has a weaker dependence on the distance
between the transformer coils compared with the
dependence for capacitive coupling on the distance between
plates. This allows for thicker insulation between
transformer coils resulting in higher isolation capability.
Combined with low stress polyimide films, high levels of
isolation may be achieved for transformers using polyimide
vs. capacitors using SiO2.
Capacitors are also single-ended and have higher
susceptibility to common-mode transients. Differential pairs
of capacitors can compensate, but this increases size and cost.
One benefit of capacitors is that they use low currents to
create the coupling electric field. This becomes noticeable at
high data rates, above 25 Mbps.
Data Transmission Methods
Optocouplers use light from LEDs to transmit data across an
isolation barrier: the LED turns on for logic HIGH and off
for logic LOW. While the LED is on, the optocoupler burns
power making optocouplers a poor choice wherever power
consumption is a concern. Most optocouplers leave the
signal conditioning at the input and/or output to the
designer, which is not always the easiest to implement.
Digital isolators use more advanced circuitry to encode and
decode data allowing for more rapid data transmission and
the ability to handle complex, bidirectional interfaces such as
USB and I2C.
One method encodes rising and falling edges as double or
single pulses that drive a transformer (Figure 2). These
pulses are decoded back into rising/falling edges on the
secondary side. This reduces power consumption by 10× to
100× compared to optocouplers because power is not
continuously applied as with optocouplers. Refresh circuits
can be included to regularly update the dc level.
Another method uses RF modulated signals in much the
same way that optocouplers use light; logic HIGH signal
results in continuous RF transmission. This consumes more
power than the pulsed method because logic HIGH signals
continuously burn power.
Differential techniques may also be employed for common-
mode rejection; however, these are best used with
differential elements such as transformers.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com