Electronic Components Datasheet Search
  English  ▼

X  

0143000000 Datasheet(PDF) 39 Page - Weidmuller

Part # 0143000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0143000000 Datasheet(HTML) 39 Page - Weidmuller

Back Button 0143000000 Datasheet HTML 35Page - Weidmuller 0143000000 Datasheet HTML 36Page - Weidmuller 0143000000 Datasheet HTML 37Page - Weidmuller 0143000000 Datasheet HTML 38Page - Weidmuller 0143000000 Datasheet HTML 39Page - Weidmuller 0143000000 Datasheet HTML 40Page - Weidmuller 0143000000 Datasheet HTML 41Page - Weidmuller 0143000000 Datasheet HTML 42Page - Weidmuller 0143000000 Datasheet HTML 43Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
162
a r
6/28.5/30.5
400 V/8 A/2.5/1 mm2
6 kV/3
Tab connec. 6.3 and 2.8 mm
20
20
150 V/10 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0324560000 100
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
Q 2
0369000000 50
Q 3
0369100000 50
Q 4
0369200000 50
Q 10
0369300000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
a r
6/28.5/30.5
400 V/8 A/1 mm2
6 kV/3
Tab connection 2.8 mm
20
20
150 V/10 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0362460000 100
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
Q 2
0369000000 50
Q 3
0369100000 50
Q 4
0369200000 50
Q 10
0369300000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
a r
6/27/30
9 mm/M 3/3.5 x 0.6
400 V/8 A/4/1 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.2...4/A 3
20
20
150 V/20 A/22…12 AWG
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0324460000 100
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5x14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
r
6/27/30
9 mm/M 3/3.5 x 0.6
400 V/8 A/4/1 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.2...4/A 3
20
20
300 V/10 A/24…12 AWG
U
TS 15
Cat. No.
Qty.
0158760000 100
Type
Cat. No.
Qty.
AP (1.5)
0294460000 20
TW (0.5)
0348260000 50
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
VL 2
0446700000 50
VH 10
0446600000 50
BS M 2.5x14 0266800000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 15 U
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage*/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
PA
Blue PA
PA
End plate (thickness mm)
PA
PA
Blue PA
HP
HP
BB
Partition (thickness mm)
PA
HP
HP
Small partition
Cross-connection
Switchable cross-connection link
VL
BS
VH
Test plug/socket
StB
Plug test socket ø 2.3
PS
Cover
Insulation sleeves
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
* Insulation sleeves are to be used for tab connections to maintain the rated voltage.
U
U
U
U
AKZ 4 SS
AKZ 4 SS
AKZ 4 S
AKZ 4 SF
Tab connection
Solder connection
Feed-through terminals for TS 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com