Electronic Components Datasheet Search
  English  ▼

X  

0143000000 Datasheet(PDF) 13 Page - Weidmuller

Part # 0143000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0143000000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 0143000000 Datasheet HTML 9Page - Weidmuller 0143000000 Datasheet HTML 10Page - Weidmuller 0143000000 Datasheet HTML 11Page - Weidmuller 0143000000 Datasheet HTML 12Page - Weidmuller 0143000000 Datasheet HTML 13Page - Weidmuller 0143000000 Datasheet HTML 14Page - Weidmuller 0143000000 Datasheet HTML 15Page - Weidmuller 0143000000 Datasheet HTML 16Page - Weidmuller 0143000000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
136
Stud terminals
W
WW
W
Y
KST 5
KST 5/35
KST 6
KST 6/35
KST 8
KST 8/35
a r #
24/60/72
24/62.5/64.5
–/M 8/–
1000 V1)/125 A/35 mm2
8 kV/3
6…12
135 A/35 mm2
200
600 V/115 A/12…2 AWG
Y
Qty. W
Qty.
9501320000 25
9506950000 25
9528320000 25
Y + W
TW right
1718530000 10
TW left
1752800000 10
2/160/83.5
2/160/78.5
QL 2
9501360000
1
DEK 5
see “Accessories”
a r #
24/60/55
24/62.5/49.5
–/M 5/–
1000 V1)/57 A/10 mm2
8 kV/3
2…4
65 A/10 mm2
600 V/50 A/12…6 AWG
Y
Qty. W
Qty.
9503370000 25
9508230000 25
9528300000 25
Y + W
TW right
1718530000 10
TW left 2)
1752800000 10
2/160/83.5
2/160/78.5
QL 2
9503390000
1
DEK 5
see “Accessories”
18/40/62
18/49.5/54.5
–/M 6/–
1000 V1)/76 A/16 mm2
6 kV/3
3…6
82 A/16 mm2
600 V/85 A/12…4 AWG
600 V/65 A/6 AWG
Y
Qty. W
Qty.
0498220000 25 0649820000 25
Cat. No.
Qty.
TW SS6 (TS32)0455860000 10
TWHGW(2)(TS35)0607100000 20
2/129/93
2/70/62.5
QL 2
0284300000 20
QL 3
0279000000 20
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
PA
PPO
KrG
for TS 35 x 7.5
PA
for TS 35 x 15/2.3
PA
Partition, (thickness mm)
PA
Hard paper
HM
HM
Width/length/height (incl. TS 32) mm
Width/length/height (incl. TS 35) mm
Cross-connection
2-pole
3-pole
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
1
) with partition
* Depends on cable lug
SS 6
SS 6/35
a r #
24/60/62
24/62.5/54.5
–/M 6/–
1000 V1)/76 A/16 mm2
8 kV/3
3…6
82 A/16 mm2
200
600 V/65 A/12…6 AWG
Y
Qty. W
Qty.
9506940000 25
9528310000 25
Y + W
TW right
1718530000 10
TW left
1752800000 10
2/160/83.5
2/160/78.5
QL 2
9501350000
5
DEK 5
see “Accessories”
2
) Left AP is required only once at beginning of terminal strip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com