Electronic Components Datasheet Search
  English  ▼

X  

WM8533 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
6
ELECTRICAL CHARACTERISTICS
Test Conditions
LINEVDD=AVDD=3.3V, DBVDD=1.8V, LINEGND=AGND=0V, TA=+25ºC,
Slave Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Output
Output Level
0dBFS
1.89
2.1
2.31
Vrms
Load Impedance
1
kΩ
Load Capacitance
No external RC filter
300
pF
With filter shown in
Figure 36
1
µF
DAC Performance
Signal to Noise Ratio
SNR
RL = 10kΩ
A-weighted
100
106
dB
RL = 10kΩ
Un-weighted
104
dB
Dynamic Range
DNR
RL = 10kΩ
A-weighted
106
Total Harmonic Distortion
THD
RL = 10kΩ
-1dBFS
-89
dB
RL = 10kΩ
0dBFS
-86
-78
Power Supply Rejection Ratio
(AVDD or LINEVDD)
PSRR
100Hz
54
dB
1kHz
54
20kHz
50
Channel Separation
1kHz
95
dB
20Hz to 20kHz
72
System Absolute Phase
1kHz
0
Degrees
Channel Level Matching
0.1
dB
Hardware Mute Attenuation
120
dB
Digital Soft Mute Attenuation
100
dB
DC Offset at LINEOUTL and
LINEOUTR
0
+/-1
mV
LINEREF Rejection
1kHz
55
dB
20kHz
37
dB
Digital Logic Levels
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOH = 1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOL = -1mA
0.1
DBVDD
V
Input Capacitance
10
pF
Input Leakage
0
+/-0.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com