Electronic Components Datasheet Search
  English  ▼

X  

WM8533 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8533 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8533 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
17
Figure 10 Single Register Write to Specified Address
Figure 11 Single Register Read from Specified Address
SPI CONTROL MODE
The WM8533 can also be controlled by writing to registers through a SPI control interface. A control
word consists of 24 bits. The first bit is the read/write bit (R/W
¯¯) which must always be 0, which is
followed by 7 address bits (A6 to A0) that determine which control register is accessed. The
remaining 16 bits (B15 to B0) are data bits, corresponding to the 16 bits in each control register.
Volume update registers R06h and R07h are unavailable in SPI control mode. To use volume update
in software control mode, I
2C mode must be used.
In SPI mode, every rising edge of SCLK clocks in one data bit from the SDA pin. A rising edge on
CS
¯¯ latches in a complete control word consisting of the last 24 bits.
The SPI mode write operation protocol is illustrated in Figure 12.
Figure 12 SPI Control Interface – Write operation
In Write operations (R/W
¯¯=0), all SDA bits are driven by the controlling device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com