Electronic Components Datasheet Search
  English  ▼

X  

WM3100GER Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM3100GER
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100GER Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM3100GER Datasheet HTML 1Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 2Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 3Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 4Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary Technical Data
WM3100
w
PTD, October 2010, Rev 2.0
5
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD=3.3V, GND=0V, TA = +25
oC, 1VRMS 1kHz sinusoidal input signal unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs
Maximum full-scale input signal
level. (This changes in proportion
to VDD.)
1
VRMS
Input resistance
RIN
24
kΩ
Analogue Outputs
Full-scale output signal level. (This
changes in proportion to VDD.)
Full scale input signal, RL = 10kΩ
2.1
VRMS
DC offset
0
±3
mV
Minimum load resistance
RL
2.5
kΩ
Maximum load capacitance
Without external RC filter
220
pF
With recommended external RC filter
1
μF
Audio Performance
Signal to Noise ratio
SNR
A-weighted, 20Hz to 20kHz
108
dB
unweighted, 20Hz to 20kHz
104
Total Harmonic Distortion + Noise
(2.1VRMS output, 10kΩ load)
THD+N
Single-ended inverting input
-91
dB
Single-ended non-inverting input
-95
Differential input
-92
Dynamic range
DNR
A-weighted, -60dBV input
108
dB
Channel separation (L/R)
1kHz
90
dB
20Hz to 20kHz
80
Channel level matching
1kHz
0.1
dB
Channel phase deviation
1kHz
0.1
degree
Gain
6.2
6.4
6.6
dB
Power Supply Rejection Ratio
(VDD)
PSRR
100mV pk-pk, 1kHz
69
dB
100mV pk-pk, 20Hz to 20kHz
50
Mute attenuation
MUTE
¯¯¯¯¯ = 0
70
dB
Output impedance
(high impedance mute state)
OUTMODE = 1
50
kΩ
Internal low-pass filter 3dB cut-off
300
kHz
Start-up time (from OFF)
200
μs
Start-up time (from MUTE)
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com