Electronic Components Datasheet Search
  English  ▼

X  

WM3100GER Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM3100GER
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100GER Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM3100GER Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 9Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 10Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 11Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 12Page - Wolfson Microelectronics plc WM3100GER Datasheet HTML 13Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Preliminary Technical Data
WM3100
w
PTD, October 2010, Rev 2.0
11
RECOMMENDED EXTERNAL CONNECTIONS
The recommended external connections to the WM3100 are illustrated in Figure 6.
WM3100
IN1P
IN2N
IN2P
IN1N
LINEOUT2
LINEOUT1
CPCA
CPVOUTN
CPCB
2.2 F
1 F
1 F
VDD
4.7 F
1 F
GND
MUTE
OUTMODE
2.7nF
560Ω
560Ω
2.7nF
LINEREF
VDD Supply
Digital Control Inputs
Line input 1
Line input 2
Line output 1
Line output 2
1 F
1 F
Figure 6 Recommended External Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com