Electronic Components Datasheet Search
  English  ▼

X  

WM8945 Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
88
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
TCH_RPU [3:0]
0111
Pen-Down sensitivity (pull-up
resistor)
0000 = 64k (most sensitive)
0001 = 64k / 2
0010 = 64k / 3
0011 = 64k / 4
….
1111 = 64k / 16 (least sensitive)
Table 59 Touch Panel Control
TOUCH PANEL READBACK
Measured data from the Touch Panel controller is read via the Touch Data registers. The X-axis, Y-
axis and Z-axis (pressure) measurements are provided in the TCH_X, TCH_Y and TCH_Z registers
respectively. The TCH_PD1, TCH_PD2 and TCH_PD3 bits indicate whether the Pen Down status
was asserted when the measurement set was made.
To read a set of Touch Panel measurements, the host processor must access each of the applicable
Touch Data registers. When the host processor starts to read these registers, the WM8945 will inhibit
any new touch panel measurements until the host processor has read all of the applicable registers.
This ensures that the data read by the host processor all relates to the same set of measurements.
If all 3 touch panel channels are selected (using TCH_X_ENA, TCH_Y_ENA and TCH_Z_ENA) then
all 3 Touch Data registers must be read before further measurements are permitted. If fewer channels
are selected, then only those selected channels need to be read before touch panel measurements
are enabled again.
The touch panel inhibit (preventing new touch panel measurements) commences when any of the
Touch Data registers is read. The touch panel inhibit ceases when all selected Touch Data registers
have been read.
The Touch Panel interrupts can be used to indicate when new data is available or if “Pen Down” is
detected – see “Interrupts”. A GPIO pin configured as “TCH_DONE” or “PDOWN” can also be used to
indicate these events – see “General Purpose Input / Output”.
The control fields associated with Touch Panel readback are defined in Table 60.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
Touch Data X
15
TCH_PD1
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_X [11:0]
000h
Touch panel X-axis data
R58 (3Ah)
Touch Data Y
15
TCH_PD2
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Y [11:0]
000h
Touch panel Y-axis data
R59 (3Bh)
Touch Data Z
15
TCH_PD3
0
Pen down status (indicates if the
Pen Down was detected prior to the
TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Z [11:0]
000h
Touch panel Z-axis data
Table 60 Touch Panel Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com