Electronic Components Datasheet Search
  English  ▼

X  

WM8945 Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
90
Figure 36 Pen-Down Touch Panel Detection
Touch pressure can only be determined indirectly, using the results of two separate measurements. A
constant current is applied through the plates, and the voltage on each plate is measured. The
difference between the two voltages is proportional to the resistance between the plates, which is a
measure of the pressure being applied to the panel.
The configuration is illustrated in Figure 37. In this example, a constant current flows from the Top
(YP) connection to the Left (XN) connection. The Right (XP) and Bottom (YN) points are measured in
turn, and the difference, VX – VY is equal to IP x RC, where IP is the current applied and RC is the
resistance between the plates. The smaller the measured resistance, the greater the pressure being
applied.
Figure 37 Z-axis (Pressure) Touch Panel Measurement
GENERAL PURPOSE INPUT/OUTPUT
The WM8945 provides four multi-function pins which can be configured to provide a number of
different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins
are:
GPIO1
CS
¯¯ /GPIO2
CIFMODE/GPIO3
SDOUT/GPIO4
Note that only GPIO1 is a dedicated GPIO pin; the other pins are shared with Control Interface
functions. The pins available for GPIO function depend on the selected Control Interface mode, as
described in Table 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com