Electronic Components Datasheet Search
  English  ▼

X  

WM8945 Datasheet(PDF) 143 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 143 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 147Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
143
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R64 (40h)
SE Config
Selection
3:0
SE_CONFIG
[3:0]
0000
DSP Configuration Mode select
0000 = Record mode
0001 = Playback mode
0010 = DSP General mode 1
0011 = DSP General mode 2
Register 40h
SE Config Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R65 (41h)
SE1_LHPF_
CONFIG
4
SE1_LHPF_L_
SIGN
0
SE1_LHPF_L_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
0
SE1_LHPF_L_
ENA
0
SE1 Left channel low-pass / high-pass filter enable
0 = Disabled
1 = Enabled
Register 41h
SE1_LHPF_CONFIG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R66 (42h)
SE1_LHPF_
L
15:0
SE1_LHPF_L
[15:0]
0000_0000_00
00_0000
SE1_LHPF left channel coefficient
Register 42h
SE1_LHPF_L
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R71 (47h)
SE1_NOTC
H_CONFIG
0
SE1_NOTCH_
L_ENA
0
SE1 Left channel notch filters enable
0 = Disabled
1 = Enabled
Register 47h
SE1_NOTCH_CONFIG
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R72 (48h)
SE1_NOTC
H_A10
15:0
SE1_NOTCH_
A10[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 48h
SE1_NOTCH_A10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R73 (49h)
SE1_NOTC
H_A11
15:0
SE1_NOTCH_
A11[15:0]
0000_0000_00
00_0000
Filter coefficients for Signal Enhancement 1 (SE1)
notch filter
Register 49h
SE1_NOTCH_A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com