Electronic Components Datasheet Search
  English  ▼

X  

ICX085AL Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX085AL
Description  Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX085AL Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX085AL Datasheet HTML 3Page - Sony Corporation ICX085AL Datasheet HTML 4Page - Sony Corporation ICX085AL Datasheet HTML 5Page - Sony Corporation ICX085AL Datasheet HTML 6Page - Sony Corporation ICX085AL Datasheet HTML 7Page - Sony Corporation ICX085AL Datasheet HTML 8Page - Sony Corporation ICX085AL Datasheet HTML 9Page - Sony Corporation ICX085AL Datasheet HTML 10Page - Sony Corporation ICX085AL Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
– 7 –
ICX085AL
(3) Horizontal transfer clock waveform
tr
twh
tf
90%
10%
twl
V
φH
VHL
H
φ1, Hφ2
(4) Reset gate clock waveform
Point A
twl
V
φRG
VRGH
VRGL + 0.5V
VRGL
VRGLH
RG waveform
VRGLL
H
φ1 waveform
twh
tr
tf
φRG
2.5V
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL) /2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V SUB
φ
φSUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com