Electronic Components Datasheet Search
  English  ▼

X  

ICX085AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX085AL
Description  Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX085AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX085AL Datasheet HTML 1Page - Sony Corporation ICX085AL Datasheet HTML 2Page - Sony Corporation ICX085AL Datasheet HTML 3Page - Sony Corporation ICX085AL Datasheet HTML 4Page - Sony Corporation ICX085AL Datasheet HTML 5Page - Sony Corporation ICX085AL Datasheet HTML 6Page - Sony Corporation ICX085AL Datasheet HTML 7Page - Sony Corporation ICX085AL Datasheet HTML 8Page - Sony Corporation ICX085AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
– 1 –
ICX085AL
E95Z10D99
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Description
The ICX085AL is a diagonal 11mm (Type 2/3)
interline CCD solid-state image sensor with a square
pixel array. Progressive scan allows all pixels
signals
to
be
output
independently
within
approximately 1/12 second. This chip features an
electronic shutter with variable charge-storage time
which makes it possible to realize full-frame still
image without a mechanical shutter. High sensitivity
and low dark current are achieved through the
adoption
of
HAD
(Hole-Accumulation
Diode)
sensors.
This chip is suitable for image input applications
such as still cameras which require high resolution.
Features
• Progressive scan allows individual readout of the
image signals from all pixels.
• High vertical resolution (1024TV-lines) still image
without a mechanical shutter.
• Square pixel unit cell
• Aspect ratio 5:4
• Horizontal drive frequency: 20.25MHz
• Reset gate bias is not adjusted.
• Substrate voltage: 5.5 to 12.5V
• Continuous variable-speed shutter
• High resolution, high sensitivity, low dark current
• Low smear
• Excellent antiblooming characteristics
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels: 1300 (H) x 1030 (V) approx. 1.3M pixels
• Total number of pixels:
1360 (H) x 1034 (V) approx. 1.4M pixels
• Chip size:
10.0mm (H) x 8.7mm (V)
• Unit cell size:
6.7µm (H) x 6.7µm (V)
• Optical black:
Horizontal (H) direction: Front 4 pixels, rear 56 pixels
Vertical (V) direction:
Front 3 pixels, rear 1 pixel
• Number of dummy bits:
Horizontal 24
Vertical 1
• Substrate material:
Silicon
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
4
56
1
3
Pin 11
H
Optical black position
(Top View)
20 pin DIP (Ceramic)


Similar Part No. - ICX085AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX085AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX285AL SONY-ICX285AL Datasheet
198Kb / 21P
Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com