Electronic Components Datasheet Search
  English  ▼

X  

WM8215 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
25
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
000010
(02h)
Setup Register
2
1:0
Not Used
00
Must be set to 0
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
3
OPD
0
Output Disable. This works with the OEB pin to control the
output pins.
0=Digital outputs enabled, 1=Digital outputs high
impedance
OEB
(pin)
OPD
OP pins
0
0
Enabled
0
1
High Impedance
1
0
High Impedance
1
1
High Impedance
4
LOWREFS
0
Reduces the ADC reference range (2*[VRT-VRB]), thus
changing the max/min input video voltages (ADC ref
range/PGA gain).
0 = ADC reference range = 2.0V
1 = ADC reference range = 1.2V
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
7:6
DEL[1:0]
00
Controls the latency from sample to data appearing on
output pins
DEL
Latency
00
7 MCLK periods
01
8 MCLK periods
10
9 MCLK periods
11
10 MCLK periods
000011
(03h)
Setup Register
3
3:0
RLCDAC[3:0]
1111
Controls RLCDAC driving VRLC/VBIAS pin to define single
ended signal reference voltage or Reset Level Clamp
voltage. See Electrical Characteristics section for ranges.
4
Reserved
1
Must be set to one
5
Reserved
0
Must be set to zero
7:6
CHAN[1:0]
00
When MONO=0 this register bit has no effect
Monochrome mode channel select.
00 = Red
channel select
01 = Green
channel select
10 = Blue channel select
11 = Reserved
000100
(04h)
Software Reset
Any write to Software Reset causes all cells to be reset. It
is recommended that a software reset be performed after a
power-up before any other register writes.
000101
(05h)
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle
counter to reset to RINP. This function is only required
when LINEBYLINE = 1.
000110
(06h)
Setup Register
4
0
LINEBYLINE
0
Selects line by line operation. Line by line operation is
intended for use with systems which operate one line at a
time but with up to three colours shared on that one output.
0 = normal operation,
1 = line by line operation.
When line by line operation is selected MONO is forced to
1 and CHAN[1:0] to 00 internally, ensuring that the correct
internal timing signals are produced. Green and Blue PGAs
are also disabled to save power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com