Electronic Components Datasheet Search
  English  ▼

X  

WM8215 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
26
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
1
ACYC
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit determines the function of
the RSMP input pin and the offset/gain register controls.
0 = RSMP pin enabled for either reset sampling (CDS) or
Reset Level Clamp control. Internal selection of gain/offset
multiplexers using INTM[1:0] register bits.
1 = Auto-cycling enabled by pulsing the RSMP input pin.
This means that each time a pulse is applied to this pin the
single input channel will switch to the next offset register
and gain register in the sequence. The sequence is
Red->Green->Blue->Red… offset and gain registers
applied to the red input channel.
When auto-cycling is enabled, the RSMP pin alone cannot
be used to control reset level clamping. Reset level
clamping may be enabled in this situation by setting the
CLAMPCTRL and RLCEN bits so that he logical AND of
RSMP and VSMP closes the clamp switch.
When auto-cycling is enabled, the RSMP pin cannot be
used for reset sampling (i.e. CDS must be set to 0).
3:2
INTM[1:0]
00
When LINEBYLINE=0 or ACYC=1 this bit has no effect.
When LINEBYLINE=1 and ACYC=0:
Controls the PGA/offset mux selector:
00 = Red PGA/Offset registers applied to input channel
01 = Green PGA/Offset registers applied to input channel
10 = Blue PGA/Offset registers applied to input channel
11 = Reserved.
7:4
Reserved
0000
Must be set to 0
000111
(07h)
Setup Register
5
0
REDPD
0
When set powers down red S/H, PGA
1
GRNPD
0
When set powers down green S/H, PGA
2
BLUPD
0
When set powers down blue S/H, PGA
3
ADCPD
0
When set powers down ADC. Allows reduced power
consumption without powering down the references which
have a long time constant when switching on/off due to the
external decoupling capacitors.
4
VRLCDACPD
0
When set powers down 4-bit RLCDAC, setting the output to
a high impedance state and allowing an external reference
to be driven in on the VRLC/VBIAS pin.
5
ADCREFPD
0
When set disables VRT, VRB buffers to allow external
references to be used.
6
VRXPD
0
When set disables VRX buffer to allow an external
reference to be used.
7
Not Used
0
Must be set to 0
001000
(08h)
Setup Register
6
4:0
Not Used
00000
Must be set to 0
5
RLCEN
1
Reset Level Clamp Enable. When set Reset Level
Clamping is enabled. The method of clamping is
determined by CLAMPCTRL.
6
CLAMPCTRL
0
0 = RLC switch is controlled directly from RSMP input pin:
RSMP = 0: switch is open
RMSP = 1: switch is closed
1 = RLC switch is controlled by logical combination of
RSMP and VSMP.
RSMP && VSMP = 0: switch is open
RSMP && VSMP = 1: switch is closed
7
Reserved
0
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com